전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD204 데이터시트(PDF) 1 Page - Comset Semiconductor

부품명 BD204
상세설명  SILCON EPITAXIAL-BASE POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD204 데이터시트(HTML) 1 Page - Comset Semiconductor

  BD204 Datasheet HTML 1Page - Comset Semiconductor BD204 Datasheet HTML 2Page - Comset Semiconductor BD204 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BD201 – BD203
PNP BD202 – BD204
COMSET SEMICONDUCTORS
1/3
The BD201 and BD203 are NPN transistors mounted in Jedec TO-220 plastic package.
They are primarily intended for use in if-hi equipment delivering an output of 15 to 25 W into 4
Ω or
8
Ω load.
PNP complements are BD202 and BD204
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BD201
45
VCEO
Collector-Emitter Voltage
BD203
60
V
BD201
60
VCBO
Collector-Base Voltage
BD203
60
V
BD201
VEBO
Emitter-Base Voltage
BD203
5.0
V
BD201
IC
BD203
8
A
BD201
IC
Collector Current
ICM
BD203
12
A
BD201
ICSM
Collector Current (non-repetitive peak value,tp
max.2 ms)
BD203
25
A
BD201
IB
Base Current
BD203
3
A
BD201
PD
Total Device Dissipation
@ TC = 25°
BD203
60
Watts
BD201
TJ
Junction Temperature
BD203
150
°C
BD201
TStg
Storage Temperature range
BD203
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BD201
RthJ-a
Thermal Resistance, Junction to mounting
base
BD203
70
K/W
BD201
RthJ-mb
Thermal Resistance, Junction to ambient in
free air
BD203
2.08
K/W
S
SIIL
LC
CO
ON
N E
EP
PIIT
TA
AX
XIIA
AL
L--B
BA
AS
SE
E P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


유사한 부품 번호 - BD204

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BD204 GE-BD204 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
List of Unclassifed Man...
BD204 ETC-BD204 Datasheet
26Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
Savantic, Inc.
BD204 SAVANTIC-BD204 Datasheet
90Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD204 COMSET-BD204 Datasheet
194Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSITORS
logo
Inchange Semiconductor ...
BD204 ISC-BD204 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
More results

유사한 설명 - BD204

제조업체부품명데이터시트상세설명
logo
Comset Semiconductor
BD201 COMSET-BD201_12 Datasheet
151Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
BD202 COMSET-BD202_12 Datasheet
151Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
logo
Micro Electronics
BD241 MICRO-ELECTRONICS-BD241 Datasheet
97Kb / 2P
   NPN SILCON EPITAXIAL BASE POWER TRANSISTORS
logo
Comset Semiconductor
BD202 COMSET-BD202 Datasheet
194Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSITORS
BUX84 COMSET-BUX84 Datasheet
97Kb / 3P
   SILCON DIFFUSED POWER TRANSISTORS
logo
List of Unclassifed Man...
MPS-A63 ETC1-MPS-A63 Datasheet
42Kb / 2P
   SILCON DARLINGTON TRANSISTORS
logo
NXP Semiconductors
BD941 PHILIPS-BD941 Datasheet
331Kb / 7P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
BD941F PHILIPS-BD941F Datasheet
289Kb / 6P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
Comset Semiconductor
2N3713 COMSET-2N3713_12 Datasheet
82Kb / 4P
   EPITAXIAL-BASE TRANSISTORS
2N3789 COMSET-2N3789_12 Datasheet
82Kb / 4P
   EPITAXIAL-BASE TRANSISTORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com