전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD035OX1 데이터시트(PDF) 9 Page - AZ Displays

부품명 PD035OX1
상세설명  TECHNICAL SPECIFICATION
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX1 데이터시트(HTML) 9 Page - AZ Displays

Back Button PD035OX1 Datasheet HTML 5Page - AZ Displays PD035OX1 Datasheet HTML 6Page - AZ Displays PD035OX1 Datasheet HTML 7Page - AZ Displays PD035OX1 Datasheet HTML 8Page - AZ Displays PD035OX1 Datasheet HTML 9Page - AZ Displays PD035OX1 Datasheet HTML 10Page - AZ Displays PD035OX1 Datasheet HTML 11Page - AZ Displays PD035OX1 Datasheet HTML 12Page - AZ Displays PD035OX1 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
PD035OX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:9
7. Electrical Characteristics
7-1 Operating condition
VSS1=VSS2=0 V Ta = 25
Parameter
Symbol MIN.
Typ. MAX. Unit
Remark
Logic
VCC
+3.0
+3.3
+3.6
V
Supply voltage for source driver
Analog
VDD2
+3.8
+5.0
+5.5
V
Logic
VDD1
+3.0
+3.3
+3.6
V
H level
VGH
+10
+15
+30
V
Supply voltage for gate driver
L level
VEE
-17
-15
-5
V
H level
VIH
0.7VCC
-
VCC
V
Signal input voltage
L level
VIL
0
-
0.3VCC
V
H level
VoH
0.8VCC
-
VCC
V
Signal output voltage
L level
VoL
0
-
0.2VCC
V
VCOMAC
-
+6.0
-
VP-P
AC Component
of VCOM
VCOM
VCOMDC
-
1.0
-
V DC Component
of VCOM Note 7-1
Note 7-1 : PVI strongly suggests that the VCOMDC level shall be adjustable , and the adjustable level
range is 1V 1V , every module’s VCOMDC level shall be carefully adjusted to show a best
image performance.
7-2 Recommended driving condition for LED backlight
Parameter
Symbol
Min
TYP
MAX
Unit
Remark
Supply voltage of LED backlight
VLED
9.0
10.0
11.0
V
IL = 20 mA
Supply current of LED backlight
ILED
-
20
-
mA
Note 7-2
Backlight Power Consumption
PLED
360
400
440
mW
Note 7-3
Note 7-2 : LED B/L applied information , please refer to the appendix at the end .
Note 7-3 : PLED = 2*ILED*VLED .


유사한 부품 번호 - PD035OX1

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
   This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
More results

유사한 설명 - PD035OX1

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com