전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD035QU1 데이터시트(PDF) 4 Page - AZ Displays

부품명 PD035QU1
상세설명  TECHNICAL SPECIFICATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035QU1 데이터시트(HTML) 4 Page - AZ Displays

  PD035QU1 Datasheet HTML 1Page - AZ Displays PD035QU1 Datasheet HTML 2Page - AZ Displays PD035QU1 Datasheet HTML 3Page - AZ Displays PD035QU1 Datasheet HTML 4Page - AZ Displays PD035QU1 Datasheet HTML 5Page - AZ Displays PD035QU1 Datasheet HTML 6Page - AZ Displays PD035QU1 Datasheet HTML 7Page - AZ Displays PD035QU1 Datasheet HTML 8Page - AZ Displays PD035QU1 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PD035QU1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:4
1. Application
This data sheet applies to a color TFT LCD module,PD035QU1.This module applies to OA
product, which requires high quality flat panel display. If you must use in severe reliability
environments, please don’t extend over PVI’s reliability test conditions.
2. Features
. Amorphous silicon TFT LCD panel with LED back-light unit
. Pixel in stripe configuration
. Slim and compact, designed for O/A application
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
3.45 (diagonal)
inch
Display Format
320 (RGB) 240
dot
Active Area
70.08(H) 52.56(V)
mm
Pixel Pitch
0.073(H) 0.219(V)
mm
Pixel Configuration
Stripe
Display Colors
16.7M
Surface Treatment
Haze 20%
Back-light
6-LEDs
Outline Dimension
76.9(W) 63.9 (H) 4.4 (D)(typ.)
mm
Weight
(45)
g
Display mode
Normally white
Gray scale inversion direction
6
(ref to Note 15-1)
o’clock


유사한 부품 번호 - PD035QU1

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD035QU2 AZDISPLAYS-PD035QU2 Datasheet
1Mb / 25P
   TECHNICAL SPECIFICATION
More results

유사한 설명 - PD035QU1

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com