전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ1000 데이터시트(PDF) 3 Page - Comset Semiconductor

부품명 MJ1000
상세설명  COMPLEMENTARY POWER DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ1000 데이터시트(HTML) 3 Page - Comset Semiconductor

  MJ1000 Datasheet HTML 1Page - Comset Semiconductor MJ1000 Datasheet HTML 2Page - Comset Semiconductor MJ1000 Datasheet HTML 3Page - Comset Semiconductor MJ1000 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ900 – MJ901 PNP
MJ1000 – MJ1001 NPN
Page 3 of 4
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
MJ900
MJ1000
IEBO
Emitter Cutoff Current
VBE=5.0 Vdc, IC=0
MJ901
MJ1001
-
-
2.0
mAdc
VCB=60 V, RBE=1.0 k ohm
MJ900
MJ1000
-
-
VCB=80 V, RBE=1.0 k ohm
MJ901
MJ1001
-
-
1.0
VCB=60 V, RBE=1.0 k ohm,
TC=150°C
MJ900
MJ1000
-
-
ICER
Collector-Emitter Leakage
Current
VCB=80 V, RBE=1.0 k ohm,
TC=150°C
MJ901
MJ1001
-
-
5.0
mAdc
MJ900
MJ1000
IC=3.0 A, IB=12 mAdc
MJ901
MJ1001
-
-
2.0
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=8.0 A, IB=40 mAdc
MJ900
MJ1000
MJ901
MJ1001
-
-
4.0
Vdc
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
MJ900
MJ1000
VF
Forward Voltage (pulse
method)
IF=3 A
MJ901
MJ1001
-
1.8
-
V
MJ900
MJ1000
VBE
Base-Emitter Voltage (*)
IC=3.0 Adc, VCE=3.0Vdc
MJ901
MJ1001
-
-
2.5
V
MJ900
MJ1000
VCE=3.0 Vdc, IC=3.0 Adc
MJ901
MJ1001
1000
-
-
MJ900
MJ1000
HFE
DC Current Gain (*)
VCE=3.0 Vdc, IC=4.0 Adc
MJ901
MJ1001
750
-
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
! ! ! For PNP types current and voltage values are negative ! ! !


유사한 부품 번호 - MJ1000

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ1000 MOTOROLA-MJ1000 Datasheet
139Kb / 4P
   Medium-Power Complementary Silicon Transistors
logo
Central Semiconductor C...
MJ1000 CENTRAL-MJ1000 Datasheet
54Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
MJ1000 ISC-MJ1000 Datasheet
74Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Savantic, Inc.
MJ1000 SAVANTIC-MJ1000 Datasheet
118Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results

유사한 설명 - MJ1000

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
MJF127 NJSEMI-MJF127 Datasheet
99Kb / 2P
   Complementary Power Darlingtons
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_13 Datasheet
196Kb / 8P
   Complementary Power Darlingtons
September, 2013 ??Rev. 11
logo
New Jersey Semi-Conduct...
MJ900 NJSEMI-MJ900 Datasheet
115Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ3000 COMSET-MJ3000 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500 Datasheet
174Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com