전자부품 데이터시트 검색엔진 |
|
LA205B-4-4G-PF 데이터시트(PDF) 6 Page - LIGITEK electronics co., ltd. |
|
LA205B-4-4G-PF 데이터시트(HTML) 6 Page - LIGITEK electronics co., ltd. |
6 / 6 page The purpose of this test is the resistance of the device under tropical for hours. The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to see soldering well performed or not. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. 1.T.Sol=230 ℃±5℃ 2.Dwell time=5 ±1sec Solderability Test Thermal Shock Test 1.Ta=105 ℃±5℃&-40℃±5℃ (10min) (10min) 2.total 10 cycles 1.T.Sol=260 ℃±5℃ 2.Dwell time= 10 ±1sec. Solder Resistance Test High Temperature High Humidity Test 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 MIL-STD-202:103B JIS C 7021: B-11 This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. Operating Life Test 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) Low Temperature Storage Test 1.Ta=105 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) High Temperature Storage Test Reliability Test: Test Condition Test Item Description PART NO. MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 JIS C 7021: B-12 MIL-STD-883:1008 JIS C 7021: B-10 Reference Standard Page 5/5 LA205B-4/4G-PF |
유사한 부품 번호 - LA205B-4-4G-PF |
|
유사한 설명 - LA205B-4-4G-PF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |