전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA207B-2G.3SRG-PF 데이터시트(PDF) 7 Page - LIGITEK electronics co., ltd.

부품명 LA207B-2G.3SRG-PF
상세설명  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA207B-2G.3SRG-PF 데이터시트(HTML) 7 Page - LIGITEK electronics co., ltd.

  LA207B-2G.3SRG-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA207B-2G.3SRG-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA207B-2G.3SRG-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA207B-2G.3SRG-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA207B-2G.3SRG-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA207B-2G.3SRG-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA207B-2G.3SRG-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solder Resistance
Test
Thermal Shock Test
Solderability Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to see soldering well
performed or not.
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Test Condition
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Operating Life Test
Low Temperature
Storage Test
High Temperature
High Humidity Test
High Temperature
Storage Test
PART NO.
Test Item
Reliability Test:
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this test is the resistance
of the device under tropical for hous.
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
Description
Reference
Standard
Page 6/6
LA207B/2G.3SRG-PF


유사한 부품 번호 - LA207B-2G.3SRG-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA207B-3G.2X LIGITEK-LA207B-3G.2X Datasheet
103Kb / 5P
   LED ARRAY
LA207B-3SRG.2X LIGITEK-LA207B-3SRG.2X Datasheet
82Kb / 6P
   LED ARRAY
LA207B-3SRG.2X-PF LIGITEK-LA207B-3SRG.2X-PF Datasheet
124Kb / 7P
   LED ARRAY
LA207B-4G.SRG LIGITEK-LA207B-4G.SRG Datasheet
166Kb / 7P
   LED ARRAY
LA207B-4SRG.SRG-1 LIGITEK-LA207B-4SRG.SRG-1 Datasheet
125Kb / 7P
   LED ARRAY
More results

유사한 설명 - LA207B-2G.3SRG-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com