전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7298BCPZ-RL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7298BCPZ-RL7
상세설명  8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7298BCPZ-RL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7298BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AD7298
Preliminary Technical Data
Rev. PrA | Page 8 of 18
CONTROL REGISTER
The control register of the AD7298 is a 16-bit, write-only register. Data is loaded from the DIN pin of the AD7298 on the falling edge of
SCLK. The data is transferred on the DIN line at the same time that the conversion result is read from the part. The data transferred on
the DIN line corresponds to the AD7298 configuration for the next conversion. This requires 16 serial clocks for every data transfer. Only
the information provided on the first 16 falling clock edges (after the falling edge of CS
Table 6. Control Register Bit Functions
) is loaded to the control register. MSB denotes the
first bit in the data stream. The bit functions are outlined in Table 6 and Table 7. On power up the default content of the control register is
all zero’s.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
WRITE
REPEAT
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
T
SENSE
DONTC
DONTC
EXT_REF
T
SENSE AVG
PD
Table 7. Control Register Bit Function Description
Bit
Mnemonic
Description
15
WRITE
The value written to this bit of the control register determines whether the following 15 bits are loaded to
the control register. If this bit is a 1, the following 15 bits are written to the control register; if it is a 0, then the
remaining 15 bits are not loaded to the control register and it remains unchanged.
REPEAT
This bit enables the repeated conversion of the selected sequence of channels.
CH1 to CH8
Channel selection bits: These eight bits are loaded at the end of the current conversion and select which analog
input channel is to be converted in the next serial transfer, or they may select the sequence of channels for
conversion in the subsequent serial transfers. Each CHX bit corresponds to an analog input channel. A channel or
sequence of channels is selected for conversion by writing a 1 to the appropriate CHX bit/bits. Channel address
bits corresponding to the conversion result are output on DOUT prior to the 12 bits of data. The next channel to be
converted on is selected by the mux on the 14th SCLK falling edge.
TSENSE
Writing a 1 to this bit enables the temperature conversion. When the temperature sensor is selected for conversion
the TSENSE_BUSY pin will go high after the next CS falling edge to indicate that the conversion is in progress, the
previous conversion result can be read while the temperature conversion is in progress. Once TSENSE_Busy goes
low, CS can be brought low Tx ns later to read the TSENSE conversion result.
DONTC
Don’t care.
EXT_REF
Writing a logic 1 to this bit, enables the use of an external reference. The input voltage range for the external
reference is 2V to 2.5V. The external reference should not exceed 2.5V or the device performance will be affected.
TSENSE AVG
Writing a 1 to this bit enables the temperature sensor averaging function. When averaging is enabled, the AD7298
internally computes a running average of the conversion results to determine the final TSENSE result (See page 14
for more details). This mode will reduce the influence of noise on the final TSENSE result. Selecting this feature does
not automatically select the TSENSE for conversion. The TSENSE bit must also be set to start a temperature sensor
conversion.
PD
Partial Power Down. This mode is selected by writing a 1 to this bit in the control register. In this mode, some of
the internal analog circuitry is powered down. The AD7298 retains the information in the control register while in
partial power down mode. The part remains in this mode until a 0 is written to this bit.
Table 8. Channel Address bits
ADD3
ADD2
ADD1
ADD0
Analog Input Channel
0
0
0
0
VIN1
0
0
0
1
VIN2
0
0
1
0
VIN3
0
0
1
1
VIN4
0
1
0
0
VIN5
0
1
0
1
VIN6
0
1
1
0
VIN7
0
1
1
1
VIN8
1
0
0
0
TSENSE
1
0
0
1
TSENSE with averaging
enabled


유사한 부품 번호 - AD7298BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7298BCPZ-RL7 AD-AD7298BCPZ-RL7 Datasheet
452Kb / 25P
   Temperature Sensor
More results

유사한 설명 - AD7298BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com