전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9393 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9393
상세설명  Low Power HDMI Display Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9393 데이터시트(HTML) 1 Page - Analog Devices

  AD9393 Datasheet HTML 1Page - Analog Devices AD9393 Datasheet HTML 2Page - Analog Devices AD9393 Datasheet HTML 3Page - Analog Devices AD9393 Datasheet HTML 4Page - Analog Devices AD9393 Datasheet HTML 5Page - Analog Devices AD9393 Datasheet HTML 6Page - Analog Devices AD9393 Datasheet HTML 7Page - Analog Devices AD9393 Datasheet HTML 8Page - Analog Devices AD9393 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Low Power HDMI Display Interface
AD9393
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
HDMI interface
Supports high bandwidth digital content protection
RGB to YCrCb 2-way color conversion
1.8 V/3.3 V power supply
76-ball BGA package
RGB and YCrCb output formats
Digital video interface
HDMI 1.2a, DVI 1.0
80 MHz HDMI receiver
Supports high bandwidth digital content protection
(HDCP 1.1)
Digital audio interface
HDMI 1.2a-compatible audio interface
S/PDIF (IEC60958-compatible) digital audio output
Multichannel I2S audio output (up to 8 channels)
APPLICATIONS
Portable low power TV
HDTV
Projectors
LCD monitor
FUNCTIONAL BLOCK DIAGRAM
DATACK
DE
VSYNC
HDMI
RECEIVER
SPDIF
8-CHANNEL
I2S
SCLK
LRCLK
HDCP
HSOUT
D[23:0]
VSOUT
DE
R/G/B 8 × 3
OR YCrCb
AD9393
SCL
SDA
Rx1+
Rx1–
Rx2+
Rx2–
RxC+
RxC–
RTERM
MCL
MDA
DDC_SCL
DDC_SDA
Rx0+
Rx0–
HSYNC
DCLK
SERIAL
REGISTER
AND
POWER
MANAGEMENT
MCLK
Figure 1.
GENERAL DESCRIPTION
The AD9393 offers a High-Definition Multimedia Interface
(HDMI™) receiver integrated on a single chip. Support is also
included for high bandwidth digital content protection (HDCP).
The AD9393 contains a HDMI 1.2a-compatible receiver and
supports HDTV formats (up to 720p or 1080i) and displays
resolutions up to XGA (1024 × 768 @ 75 Hz). The receiver
features an intrapair skew tolerance of up to one full clock
cycle. With the inclusion of HDCP, displays may now receive
encrypted video content. The AD9393 allows for authentication
of a video receiver, decryption of encoded data at the receiver,
and renewability of that authentication during transmission as
specified by the HDCP 1.1 protocol.
Fabricated in an advanced CMOS process, the AD9393 is
provided in a space-saving 76-ball, surface-mount, Pb-free,
ball grid array (BGA) and is specified over the −10°C to
+80°C temperature range.


유사한 부품 번호 - AD9393

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396/PCB AD-AD9396/PCB Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396KSTZ-100 AD-AD9396KSTZ-100 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396KSTZ-150 AD-AD9396KSTZ-150 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
More results

유사한 설명 - AD9393

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
ADV7613 AD-ADV7613_17 Datasheet
301Kb / 13P
   Low Power HDMI to LVDS Display Bridge
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com