전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7999ARJZ-1RL 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7999ARJZ-1RL
상세설명  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7999ARJZ-1RL 데이터시트(HTML) 5 Page - Analog Devices

  AD7999ARJZ-1RL Datasheet HTML 1Page - Analog Devices AD7999ARJZ-1RL Datasheet HTML 2Page - Analog Devices AD7999ARJZ-1RL Datasheet HTML 3Page - Analog Devices AD7999ARJZ-1RL Datasheet HTML 4Page - Analog Devices AD7999ARJZ-1RL Datasheet HTML 5Page - Analog Devices AD7999ARJZ-1RL Datasheet HTML 6Page - Analog Devices AD7999ARJZ-1RL Datasheet HTML 7Page - Analog Devices AD7999ARJZ-1RL Datasheet HTML 8Page - Analog Devices AD7999ARJZ-1RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7991/AD7995/AD7999
Rev. A | Page 5 of 28
AD79951
The temperature range for the Y version is −40°C to +125°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V, VREF = 2.5 V, fSCL = 3.4 MHz,
and TA = TMIN to TMAX.
Table 3.
A Version2
Y Version
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE3, 4
See the Sample Delay and Bit Trial Delay
section, fIN = 10 kHz sine wave for fSCL from
1.7 MHz to 3.4 MHz
fIN = 1 kHz sine wave for fSCL up to 400 kHz
Signal-to-Noise and
Distortion (SINAD)5
61.5
61
dB
Total Harmonic Distortion
(THD)5
−85
−75
dB
Peak Harmonic or Spurious
Noise (SFDR)5
−85
−76
dB
Intermodulation
Distortion (IMD)5
fa = 11 kHz, fb = 9 kHz for fSCL from 1.7 MHz to
3.4 MHz
fa = 5.4 kHz, fb = 4.6 kHz for fSCL up to 400 kHz
Second-Order Terms
−90
−90
dB
Third-Order Terms
−86
−86
dB
Channel-to-Channel
Isolation5
−90
−90
dB
fIN = 10 kHz
Full-Power Bandwidth5
14
14
MHz
@ 3 dB
1.5
1.5
MHz
@ 0.1 dB
DC ACCURACY3, 6
Resolution
10
10
Bits
Integral Nonlinearity5
±0.4
±0.4
LSB
Differential Nonlinearity5
±0.4
±0.4
LSB
Guaranteed no missed codes to 10 bits
Offset Error5
±1
±1.5
LSB
Offset Error Matching
±0.04
±0.2
LSB
Offset Temperature Drift
4.13
4.13
ppm/°C
Gain Error5
±0.15
±0.5
LSB
Gain Error Matching
±0.06
±0.25
LSB
Gain Temperature Drift
0.50
0.50
ppm/°C
ANALOG INPUT
Input Voltage Range
0
VREF
0
VREF
V
VREF = VIN3/VREF or VDD
DC Leakage Current
±1
±1
μA
Input Capacitance
34
34
pF
Channel 0 to Channel 2—during acquisition
phase
4
4
pF
Channel 0 to Channel 2—outside acquisition
phase
35
35
pF
Channel 3—during acquisition phase
5
5
pF
Channel 3—outside acquisition phase
REFERENCE INPUT
VREF Input Voltage Range
1.2
VDD
1.2
VDD
V
DC Leakage Current
±1
±1
μA
VREF Input Capacitance
5
5
pF
Outside conversion phase
35
35
pF
During conversion phase
Input Impedance
69
69


유사한 부품 번호 - AD7999ARJZ-1RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7999 AD-AD7999 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7999 AD-AD7999 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7999 AD-AD7999 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999YRJZ-0 AD-AD7999YRJZ-0 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7999YRJZ-1 AD-AD7999YRJZ-1 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
More results

유사한 설명 - AD7999ARJZ-1RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com