전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBF0520-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBF0520-HF
상세설명  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF0520-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CDBF0520-HF Datasheet HTML 1Page - Comchip Technology CDBF0520-HF Datasheet HTML 2Page - Comchip Technology CDBF0520-HF Datasheet HTML 3Page - Comchip Technology CDBF0520-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Schottky Barrier Diode
Page 2
Reverse voltage (V)
RATING AND CHARACTERISTIC CURVES (CDBF0520-HF)
0.2
0.4
0
10
100
0.5
1
0.7
Forward voltage (V)
Fig. 1 - Forward characteristics
Reverse voltage (V)
100u
0.1 u
1m
100m
10u
1u
0
5
10
15
20
Fig. 2 - Reverse characteristics
O
-25 C
0
5
10
15
20
0
10
20
30
60
f=1MHz
O
Ta=25 C
40
50
0
20
40
60
80
100
0
25
50
75
100
125
150
O
Ambient temperature ( C)
Fig.4 - Current derating curve
120
1000
Fig. 3 - Capacitance between
terminals characteristics
0.1
0.3
0.6
10m
O
100 C
O
75 C
O
25 C
REV:A
SMD Diodes Specialist
Comchip Technology CO., LTD.
QW-G1082


유사한 부품 번호 - CDBF0520-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
   SMD Schottky Barrier Diode
CDBF0520L COMCHIP-CDBF0520L Datasheet
125Kb / 2P
   SMD Schottky Barrier Diode
CDBF0520L-HF COMCHIP-CDBF0520L-HF Datasheet
195Kb / 4P
   SMD Schottky Barrier Diode
More results

유사한 설명 - CDBF0520-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com