전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBQR00340-HF 데이터시트(PDF) 1 Page - Comchip Technology

부품명 CDBQR00340-HF
상세설명  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQR00340-HF 데이터시트(HTML) 1 Page - Comchip Technology

  CDBQR00340-HF Datasheet HTML 1Page - Comchip Technology CDBQR00340-HF Datasheet HTML 2Page - Comchip Technology CDBQR00340-HF Datasheet HTML 3Page - Comchip Technology CDBQR00340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Io = 30 mA
VR = 40 Volts
CDBQR00340-HF
SMD Schottky Barrier Diode
Page 1
REV:A
SMD Diodes Specialist
O
Maximum Rating (at TA=25 C unless otherwise noted)
Typ
VRRM
Repetitive peak reverse voltage
Symbol
Parameter
Conditions
Min
Max Unit
V
45
VR
Reverse voltage
V
40
IFSM
Forward current,surge peak
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
500
PD
mW
OC
200
+125
-40
Power Dissipation
Sunction temperature
Tj
OC
+125
Junction temperature
TSTG
mA
IO
Average forward current
mA
30
Symbol
Typ
Parameter
Conditions
Min
Max Unit
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
IR
uA
1.5
Forward voltage
IF = 1 mA DC
VF
V
0.37
0.50
CT
Capacitance between terimnals
pF
F = 1 MHZ and 1 VDC reverse voltage
Reverse current
VR = 30V
VR = 40V
1.00
Features
Designed for mounting on small surface.
Extremely thin package.
Low stored charge.
Majority carrier conduction.
Mechanical data
Case: 0402(1005) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any
Weight: 0.001 gram(approx.).
Halogen free.
(RoHS Device)
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0402(1005)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.022(0.55)
0.018(0.45)
0.012(0.30) Typ.
Comchip Technology CO., LTD.
QW-G1106


유사한 부품 번호 - CDBQR00340-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBQR00340-HF COMCHIP-CDBQR00340-HF Datasheet
127Kb / 4P
   SMD Schottky Barrier Diode
CDBQR00340-HF COMCHIP-CDBQR00340-HF_12 Datasheet
127Kb / 4P
   SMD Schottky Barrier Diode
More results

유사한 설명 - CDBQR00340-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com