전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CZRW5244B-HF 데이터시트(PDF) 5 Page - Comchip Technology

부품명 CZRW5244B-HF
상세설명  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRW5244B-HF 데이터시트(HTML) 5 Page - Comchip Technology

  CZRW5244B-HF Datasheet HTML 1Page - Comchip Technology CZRW5244B-HF Datasheet HTML 2Page - Comchip Technology CZRW5244B-HF Datasheet HTML 3Page - Comchip Technology CZRW5244B-HF Datasheet HTML 4Page - Comchip Technology CZRW5244B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
SMD Diodes Specialist
Part Number
CZRW5221B ~ 5267B-HF
Marking Code
XX
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.132
(mm)
3.35
0.80
1.00
0.032
0.039
SOD-123
5.025
0.198
E
1.675
0.066
Standard Package
Case Type
Qty per Reel
(Pcs)
3000
SOD-123
Reel Size
(inch)
7
A
B
C
D
A
C
B
E
D
Comchip Technology CO., LTD.
XX
SMD Zener Diode
QW-HZ001
REV:B


유사한 부품 번호 - CZRW5244B-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5244B-HF COMCHIP-CZRW5244B-HF Datasheet
112Kb / 5P
   SMD Zener Diode
More results

유사한 설명 - CZRW5244B-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com