전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBW0520L-HF 데이터시트(PDF) 3 Page - Comchip Technology

부품명 CDBW0520L-HF
상세설명  SMD Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW0520L-HF 데이터시트(HTML) 3 Page - Comchip Technology

  CDBW0520L-HF Datasheet HTML 1Page - Comchip Technology CDBW0520L-HF Datasheet HTML 2Page - Comchip Technology CDBW0520L-HF Datasheet HTML 3Page - Comchip Technology CDBW0520L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
Page 3
REV:A
SMD Schottky Barrier Diodes
Index hole
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Direction of Feed
B
C
d
D
D2
D1
SOD-123
SYMBOL
A
Reel Taping Specification
(mm)
(inch)
1.968 MIN.
4.00 ± 0.10
1.55 ± 0.10
50.0 MIN.
13.0 ± 0.20
4.00 ± 0.10
2.00 ± 0.05
8.00 ± 0.30
14.4 MAX.
178 ± 1.00
0.061 ± 0.04
7.00 ± 0.039
0.512 ± 0.079
SYMBOL
(mm)
(inch)
0.315 0.011
±
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.567 MAX
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.05
0.138 ± 0.002
SOD-123
1.90 ± 0.10
0.075 ± 0.04
4.00 ± 0.10
0.157 ± 0.04
1.50 ± 0.10
0.059 ± 0.04
Polarity
QW-JB010


유사한 부품 번호 - CDBW0520L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBW0520L-G COMCHIP-CDBW0520L-G Datasheet
450Kb / 2P
   SMD Schottky Barrier Diodes
CDBW0520L-G COMCHIP-CDBW0520L-G Datasheet
94Kb / 4P
   SMD Schottky Barrier Diodes
CDBW0520L-G COMCHIP-CDBW0520L-G_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Diodes
More results

유사한 설명 - CDBW0520L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
   SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
   SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
   SMD Schottky Barrier Diodes
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
   SMD Schottky Barrier Diodes
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
RB520S-30 COMCHIP-RB520S-30_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com