전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33988CPNA 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc

부품명 MC33988CPNA
상세설명  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33988CPNA 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33988CPNA Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33988
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33988 Pin Connections (Transparent Top View)
Table 1. Pin Definitions
Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 16.
Pin
Pin Name
Pin
Function
Formal Name
Definition
1
CSNS
Output
Output Current Monitoring
This pin is used to output a current proportional to the designated
HS0-1 output.
2
WAKE
Input
Wake
This pin is used to input a Logic [1] signal so as to enable the
watchdog timer function.
3
RST
Input
Reset (Active Low)
This input pin is used to initialize the device configuration and fault
registers, as well as place the device in a low-current Sleep mode.
4
IN0
Input
Direct Input 0
This input pin is used to directly control the output HS0.
5
FS
Output
Fault Status (Active Low)
This is an open drain configured output requiring an external pull-up
resistor to VDD for fault reporting.
6
FSI
Input
Fail-Safe Input
The value of the resistance connected between this pin and ground
determines the state of the outputs after a watchdog timeout occurs.
7
CS
Input
Chip Select (Active Low)
This input pin is connected to a chip select output of a master
microcontroller (MCU).
8
SCLK
Input
Serial Clock
This input pin is connected to the MCU providing the required bit shift
clock for SPI communication.
9
SI
Input
Serial Input
This is a command data input pin connected to the SPI Serial Data
Output of the MCU or to the SO pin of the previous device of a daisy
chain of devices.
10
VDD
Input
Digital Drain Voltage
(Power)
This is an external voltage input pin used to supply power to the SPI
circuit.
1
11 10 9876
5432
12
TRANSPARENT
TOP VIEW
13
GND
14
VPWR
15
HS1
16
HS0


유사한 부품 번호 - MC33988CPNA

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33988CHFK FREESCALE-MC33988CHFK Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results

유사한 설명 - MC33988CPNA

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com