전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD4H5-62-XX-RP113-PF 데이터시트(PDF) 5 Page - LIGITEK electronics co., ltd.

부품명 LFD4H5-62-XX-RP113-PF
상세설명  FOUR DIGIT LED DISPLAY(0.39Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4H5-62-XX-RP113-PF 데이터시트(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD4H5-62-XX-RP113-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP113-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP113-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP113-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP113-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP113-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP113-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP113-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP113-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Electrical
Max.
Part Selection And Application Information(Ratings at 25)
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
LFD4H62-XX/RP113-PF
LFD4H52-XX/RP113-PF
PART NO
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Operating Temperature
Storage Temperature
△λ
(nm)
common
cathode
or anode
λP
(nm)
Common
Anode
Common
Cathode
GaP
Material
Green
Emitted
565
30
Typ.
1.7
Min.
2.1
2.6
Topr
Tstg
CHIP
Vf(v)
-25 ~ +85
-25 ~ +85
3.05
Typ.
1.75
Min.
2:1
Iv(mcd)
IV-M
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Reverse Current Per Any Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Symbol
IF
PD
Ir
IFP
Parameter
100
10
120
30
Ratings
G
4/8
Page
mW
μA
mA
mA
UNIT
PART NO. LFD4H5/62-XX/RP113-PF


유사한 부품 번호 - LFD4H5-62-XX-RP113-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD4H5-62-XX-RP125-PF LIGITEK-LFD4H5-62-XX-RP125-PF Datasheet
140Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

유사한 설명 - LFD4H5-62-XX-RP113-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-6SBKS-XX-PF LIGITEK-LFD4H5-6SBKS-XX-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP75-PF LIGITEK-LFD415-62-XX-RP75-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP65 LIGITEK-LFD415-62-XX-SRP65 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-PF LIGITEK-LFD415-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-65-XX-RP6-PF LIGITEK-LFD415-65-XX-RP6-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com