전자부품 데이터시트 검색엔진 |
|
DLM80-50E 데이터시트(PDF) 2 Page - Powerbox |
|
DLM80-50E 데이터시트(HTML) 2 Page - Powerbox |
2 / 3 page Your dependable power partner – www.powerbox.com.au 489 DLM Series 3000-4000 WATTS PROGRAMMABLE DC SUPPLY MODEL OUTPUT RATING REGULATION LINE AND LOAD METER ACCURACY VOLTAGE (VDC) CURRENT (ADC) VOLTAGE (0.05% OF VMAX +2MV) CURRENT (0.1% OF IMAX) VOLTAGE (0.5% OF VMAX +1 COUNT) CURRENT (0.75%OF IMAX +1 COUNT) DLM 5-350E 0-5 0-350 5mV 350mA 0.04V 4A DLM 5-450E 0-5 0-450 5mV 450mA 0.04V 5A DLM 8-350E 0-8 0-350 6mV 350mA 0.05V 4A DLM 8-450E 0-8 0-450 6mV 450mA 0.05V 5A DLM 16-185E 0-16 0-185 10mV 185mA 0.09V 3A DLM 16-250E 0-16 0-250 10mV 250mA 0.09V 3A DLM 32-95E 0-32 0-95 18mV 95mA 0.3V 0.8A DLM 32-125E 0-32 0-125 18mV 125mA 0.3V 1A DLM 40-75E 0-40 0-75 22mV 75mA 0.3V 0.7A DLM 40-100E 0-40 0-100 22mV 100mA 0.3V 0.9A DLM 60-50E 0-60 0-50 32mV 50mA 0.4V 0.5A DLM 60-66E 0-60 0-66 32mV 66mA 0.4V 0.6A DLM 80-37E 0-80 0-37 42mV 37mA 0.5V 0.4A DLM 80-50E 0-80 0-50 42mV 50mA 0.5V 0.5A DLM 150-20E 0-150 0-20 77mV 20mA 0.9V 0.3A DLM 150-26E 0-150 0-26 77mV 26mA 0.9V 0.3A DLM 300-10E 0-300 0-10 152mV 10mA 1.6V 0.09A DLM 300-13E 0-300 0-13 152mV 13mA 1.6V 0.11A DLM 600-5E 0-600 0-5 302mV 5mA 3.1V 0.05A DLM 600-6.6E 0-600 0-6.6 302mV 7mA 3.1V 0.06A MODEL PREVIEW ACCURACY OVP ADJUSTMENT RANGE (5% TO 110% OF VMAX) RIPPLE AND NOISE STABILITY TEMP. COEFF. MAXIMUM TOTAL REMOTE SENSE DROP VOLTAGE (0.5% OF VMAX +1 COUNT) CURRENT (1.0% OF IMAX +1 COUNT) RIPPLE (RMS)* NOISE (P-P) VOLTAGE (0.05% OF VMAX) CURRENT (0.05% OFIMAX) VOLTAGE (0.02%/°C OF VMAX) CURRENT (0.03%/ °C OF IMAX) DLM 5-350E 0.04V 5A 0.3-5.5V 12mV 100mV 3mV 175mA 1mV 105mA 2V DLM 5-450E 0.04V 6A 0.3-5.5V 12mV 100mV 3mV 225mA 1mV 135mA 2V DLM 8-350E 0.05V 5A 0.4-8.8V 12mV 100mV 4mV 175mA 1.6mV 105mA 2V DLM 8-450E 0.05V 6A 0.4-8.8V 12mV 100mV 4mV 225mA 1.6mV 135mA 2V DLM 16-185E 0.09V 3A 0.8-17.6V 10mV 100mV 8mV 93mA 3.2mV 55mA 2V DLM 16-250E 0.09V 4A 0.8-17.6V 10mV 100mV 8mV 125mA 3.2mV 75mA 2V DLM 32-95E 0.3V 1.1A 1.6-35V 10mV 100mV 16mV 48mA 6mV 30mA 5V DLM 32-125E 0.3V 1.4A 1.6-35V 10mV 100mV 16mV 63mA 6mV 38mA 5V DLM 40-75E 0.3V 0.9A 2-44V 10mV 100mV 20mV 38mA 8mV 23mA 5V DLM 40-100E 0.3V 1.1A 2-44V 10mV 100mV 20mV 50mA 8mV 30mA 5V DLM 60-50E 0.4V 0.6A 3-66V 15mV 100mV 30mV 25mA 12mV 15mA 5V DLM 60-66E 0.4V 0.8A 3-66V 15mV 100mV 30mV 33mA 12mV 19.8mA 5V DLM 80-37E 0.5V 0.5A 4-88V 15mV 120mV 40mV 19mA 16mV 12mA 5V DLM 80-50E 0.5V 0.6A 4-88V 15mV 120mV 40mV 25mA 16mV 15mA 5V DLM 150-20E 0.9V 0.3A 7.5-165V 30mV 200mV 75mV 10mA 30mV 6mA 5V DLM 150-26E 0.9V 0.4A 7.5-165V 30mV 200mV 75mV 13mA 30mV 7.8mA 5V DLM 300-10E 1.6V 0.11A 15-330V 60mV 300mV 150mV 5mA 60mV 3mA 5V DLM 300-13E 1.6V 0.14A 15-330V 60mV 300mV 150mV 6.5mA 60mV 3.9mA 5V DLM 600-5E 3.1V 0.06A 30-660V 100mV 500mV 300mV 2.5mA 120mV 1.5mA 5V DLM 600-6.6E 3.1V 0.08A 30-660V 100mV 500mV 300mV 3.3mA 120mV 2mA 5V *RMS ripple typical from 20Hz to 300kHz Dimensions: 2RU or 88mm(H)x482mm(W)x508mm(D) ; Weight: 18.2kg Selection Tables |
유사한 부품 번호 - DLM80-50E |
|
유사한 설명 - DLM80-50E |