전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA100-05A 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 TA100-05A
상세설명  ISOLATION TRANSFORMER FOR ETHERNET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TA100-05A 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  TA100-05A Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
ISOLATION TRANSFORMER FOR ETHERNET
P/N:TA100-05A DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A3(02/06)
Feature
l
Low leakage inductance and coupling capacitance for faster
rise times.
l
Small form factor, 50 mil lead spacing.
l
Through hole, auto-insertable, 16-pin DIP package.
l
Operating temperature range: 0°C to +70°C.
l
Storage temperature range: -25°C to +125 °C.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)
Sine wave inductance
(ìH±20%)
100KHz/20mVrms
Leakage Inductance
(ì H Max)
100KHz/20mVrms
Interwinding
Capacitance
(pF Max)
100KHz/20mVrms
TA100- 05A
1:1
100
0.20
10
Continue
Part
Number
DCR
(Ù Max)
Primary ET-constant
(v-us Min)
Rise Time
75 Ù Systems
(ns Max)
HI-POT
(Vrms)
Primary
Pins
TA100- 05A
0.3
2.1
3.0
500
1-2/4-5/7- 8
Schematic
Mechanical


유사한 부품 번호 - TA100-05A

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
TA100-05B BOTHHAND-TA100-05B Datasheet
33Kb / 1P
   ISOLATION TRANSFORMERS FOR ETHERNET APPLICATIONS
TA100-05B BOTHHAND-TA100-05B Datasheet
48Kb / 1P
   10 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

유사한 설명 - TA100-05A

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
TA150-05A BOTHHAND-TA150-05A Datasheet
251Kb / 1P
   ISOLATION TRANSFORMER FOR ETHERNET
TS350-06 BOTHHAND-TS350-06 Datasheet
186Kb / 1P
   ISOLATION TRANSFORMER FOR ETHERNET
logo
PCA ELECTRONICS INC.
EPA1216G PCA-EPA1216G Datasheet
40Kb / 1P
   Isolation Transformer for Lan-Ethernet Applications
logo
Rhombus Industries Inc.
T-10806G RHOMBUS-IND-T-10806G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10808G RHOMBUS-IND-T-10808G Datasheet
39Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-14001 RHOMBUS-IND-T-14001 Datasheet
34Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10801 RHOMBUS-IND-T-10801 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10801G RHOMBUS-IND-T-10801G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10805G RHOMBUS-IND-T-10805G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10901 RHOMBUS-IND-T-10901 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com