전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GG-1508-20 데이터시트(PDF) 2 Page - JMK Inc.

부품명 GG-1508-20
상세설명  The GG-1508-20 power converter is a nominal 36 volt to 13.8 volt dc-dc converter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMK [JMK Inc.]
홈페이지  http://www.jmkfilters.com
Logo JMK - JMK Inc.

GG-1508-20 데이터시트(HTML) 2 Page - JMK Inc.

  GG-1508-20 Datasheet HTML 1Page - JMK Inc. GG-1508-20 Datasheet HTML 2Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GG-1508-20
USA
JMK Inc 15 Caldwell Dr.
Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Ltd
Dumbarton G82 2TS Scotland UK
PH: 44-(0) 1389-751841 FX: 44-(0) 1389-751841
Sheet 2 of 2
TB1
P1
F1 F2
PWR
ON
BUS
ON
1
+13.8 VDC OUT
+13.8 VDC OUT RTN
+36 VDC IN RTN
+36 VDC IN
TB1
8.08
3.00
6.50
1.00
4.500
0.25
7.576
0.20
4 PLCS
Orbital
Transportation Management Systems
SERIAL NO.
PART NO. 120048-1
4.50
7.00


유사한 부품 번호 - GG-1508-20

제조업체부품명데이터시트상세설명
logo
JMK Inc.
GG-1570-20 JMK-GG-1570-20 Datasheet
138Kb / 4P
   The power converter / Backup Battery is a nominal 13.8 volt to 13.8 volt dc-dc converter With a backup battery to supply power during starting etc.
More results

유사한 설명 - GG-1508-20

제조업체부품명데이터시트상세설명
logo
JMK Inc.
GG-1570-20 JMK-GG-1570-20 Datasheet
138Kb / 4P
   The power converter / Backup Battery is a nominal 13.8 volt to 13.8 volt dc-dc converter With a backup battery to supply power during starting etc.
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
AN938 STMICROELECTRONICS-AN938 Datasheet
1Mb / 33P
   The L4973 family is a 3.5 A monolithic DC-DC converter
AN3392 STMICROELECTRONICS-AN3392 Datasheet
5Mb / 57P
   The SPV1020 is a monolithic DC-DC boost converter designed
logo
Ericsson
PKM4510EPI ERICSSON-PKM4510EPI Datasheet
2Mb / 37P
   36-75 Vdc DC/DC converter Output up to 20 A/50 W
logo
Bel Fuse Inc.
YEV09T20 BEL-YEV09T20 Datasheet
811Kb / 12P
   20 A DC-DC POL Converter
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
ADUM6010 AD-ADUM6010 Datasheet
486Kb / 16P
   The ADuM60101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Wall Industries,Inc.
MPQ48S1.8-36R WALL-MPQ48S1.8-36R Datasheet
341Kb / 7P
   36 W DC-DC Converter
logo
Panasonic Semiconductor
AN8016NSH PANASONIC-AN8016NSH Datasheet
134Kb / 17P
   Single-channel 1.8-volt step-up DC-DC converter control IC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com