전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC-0512D3 데이터시트(PDF) 4 Page - Bothhand USA, LP.

부품명 BC-0512D3
상세설명  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-0512D3 데이터시트(HTML) 4 Page - Bothhand USA, LP.

  BC-0512D3 Datasheet HTML 1Page - Bothhand USA, LP. BC-0512D3 Datasheet HTML 2Page - Bothhand USA, LP. BC-0512D3 Datasheet HTML 3Page - Bothhand USA, LP. BC-0512D3 Datasheet HTML 4Page - Bothhand USA, LP. BC-0512D3 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bothhand USA
www.bothhand.com sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page
5. Dual Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
1.5 W Dual output Series:
BC-053R6D1
± 3.6
± 200
28
443
70
± 2
65
BC-0505D1
5
± 5.0
± 150
25
454
70
± 2
66
BC-1205D1
± 5.0
± 150
16
184
70
± 2
68
BC-1212D1
12
± 12.0
± 63
16
181
100
± 2
69
BC-2405D1
± 5.0
± 150
5
96
70
± 2
65
BC-247R2D1
± 7.2
± 100
5
91
75
± 2
66
BC-2415D1
24
± 15.0
± 50
4
91
120
± 2
69
2.0 W Dual output Series:
BC-0505D2
± 5.0
± 200
45
615
70
± 2
65
BC-0512D2
5
± 12.0
± 83
43
606
100
± 2
66
BC-1205D2
12
± 5.0
± 200
18
252
70
± 2
66
BC-2405D2
± 5.0
± 200
5
128
70
± 2
65
BC-2412D2
24
± 12.0
± 83
5
121
100
± 2
69
3.0 W Dual output Series:
BC-0505D3
± 5.0
± 300
50
938
70
± 2
64
BC-0512D3
5
± 12.0
± 125
45
910
100
± 2
66
BC-1205D3
± 5.0
± 300
20
378
70
± 2
66
BC-1212D3
12
± 12.0
± 125
20
362
100
± 2
69
BC-2405D3
± 5.0
± 300
6
192
70
± 2
65
BC-2412D3
± 12.0
± 125
6
181
100
± 2
69
BC-2415D3
24
± 15.0
± 100
6
181
120
± 2
69
BC-xxxxDx
Notes:
1. Standard output voltage is ±5V, ±12V, ±15V, BC-xxxxDx is for Customer Design.
2. Load regulation is for Each output current change from 20 % to 100 % Max. Load.
3. Suffix “H” for 3K Vdc Isolation……… ( BC-xxxxDxH )
4. Suffix “M” for Metal case ……….…… ( BC-xxxxDxHM )
4


유사한 부품 번호 - BC-0512D3

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
BC-0512D3 BOTHHAND-BC-0512D3 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
BC-0512D3(H)LF BOTHHAND-BC-0512D3(H)LF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
More results

유사한 설명 - BC-0512D3

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
BC-053R6S1 BOTHHAND-BC-053R6S1_1 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
logo
Power Systems GmbH+Co.K...
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com