전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD215-63HS-XX-PF 데이터시트(PDF) 5 Page - LIGITEK electronics co., ltd.

부품명 LSD215-63HS-XX-PF
상세설명  SINGLE DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD215-63HS-XX-PF 데이터시트(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD215-63HS-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD215-63HS-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD215-63HS-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD215-63HS-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD215-63HS-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD215-63HS-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD215-63HS-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD215-63HS-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD215-63HS-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
V
2000
ESD
Electrostatic Discharge( * )
4/8
Page
mA
mA
mW
μA
UNIT
Typ.
IV-M
31.0
2:1
Ratings
75
60
30
HYS
-25 ~ +85
-25 ~ +85
10
IF
IFP
PD
Ir
Topr
Tstg
Parameter
Symbol
Operating Temperature
Storage Temperature
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Reverse Current Per Any Chip
Forward Current Per Chip
Absolute Maximum Ratings at Ta=25
Min.
Vf(v)
Min. Max.
18.0
1.7
2.6
△λ
(nm)
15
587
Electrical
Common
Cathode
Common
Anode
CHIP
Material
AlGaInP
Yellow
Emitted
common
cathode
or anode
λD
(nm)
PART NO
LSD2153HS-XX-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25)
LSD2163HS-XX-PF
Iv(mcd)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
LSD215/63HS-XX-PF
PART NO.


유사한 부품 번호 - LSD215-63HS-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD215-61-XX-HF LIGITEK-LSD215-61-XX-HF Datasheet
119Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-PF LIGITEK-LSD215-61-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-62U-XX-PF LIGITEK-LSD215-62U-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65-XX-PF LIGITEK-LSD215-65-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65F-XX-PF LIGITEK-LSD215-65F-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
More results

유사한 설명 - LSD215-63HS-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD215-62U-XX-PF LIGITEK-LSD215-62U-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65-XX-PF LIGITEK-LSD215-65-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-HF LIGITEK-LSD215-61-XX-HF Datasheet
119Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD235-62-XX LIGITEK-LSD235-62-XX Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-PF LIGITEK-LSD215-61-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65F-XX-PF LIGITEK-LSD215-65F-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com