전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD335-63HS-XX-S1-PF 데이터시트(PDF) 5 Page - LIGITEK electronics co., ltd.

부품명 LSD335-63HS-XX-S1-PF
상세설명  SINGLE DIGIT LED DISPLAY (0.315 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD335-63HS-XX-S1-PF 데이터시트(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD335-63HS-XX-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
AlGaInP
LSD335/63HS-XX/S1-PF
Absolute Maximum Ratings at Ta=25
AlGaInP
Material
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25)
LSD3363HS-XX/S1-PF
PART NO
LSD3353HS-XX/S1-PF
PART NO.
50
2.6
2.1
2:1
15
592
585
1.7
Yellow
Common
Anode
Min.
1.7
Common
Cathode
common
cathode
or anode
Emitted
Yellow
CHIP
585
Min.
592
Max.
λD
(nm)
△λ
(nm)
15
2:1
IV-M
Electrical
Typ.
2.1
2.6
Max.
Vf(v)
Typ.
50
Iv(mcd)
Page 4/8
Min.
31
31
*
UNIT
HYS
Ratings
mW
mA
μA
V
60
75
10
2000
30
mA
-25 ~ +85
-25 ~ +85
Parameter
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Electrostatic Discharge( * )
Forward Current
Storage Temperature
Operating Temperature
Tstg
IF
Topr
Ir
PD
IFP
Symbol
ESD
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.


유사한 부품 번호 - LSD335-63HS-XX-S1-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD335-63-XX LIGITEK-LSD335-63-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-63-XX-RP4 LIGITEK-LSD335-63-XX-RP4 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results

유사한 설명 - LSD335-63HS-XX-S1-PF

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTN2132-12A MARKTECH-MTN2132-12A Datasheet
36Kb / 1P
   Marktech 0.315 Single Digit
logo
LIGITEK electronics co....
LSD3C5-64-XX-KP38-PF LIGITEK-LSD3C5-64-XX-KP38-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD2325-65-XX LIGITEK-LSD2325-65-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325-65-XX-PF LIGITEK-LSD2325-65-XX-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-6SR9UG-XX-G-PF LIGITEK-LSD3025-6SR9UG-XX-G-PF Datasheet
168Kb / 10P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
LSD4015-62-XX LIGITEK-LSD4015-62-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD3C5-65-R1-XX-RP4-PF LIGITEK-LSD3C5-65-R1-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com