전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD375-65F-XX-PF 데이터시트(PDF) 5 Page - LIGITEK electronics co., ltd.

부품명 LSD375-65F-XX-PF
상세설명  SINGLE DIGIT LED DISPLAY (0.39 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD375-65F-XX-PF 데이터시트(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD375-65F-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Min.
Typ.
Min.
Typ. Max.
Emitted
common
cathode
or anode
Material
AlGaInP
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LSD3765F-XX-PF
LSD3755F-XX-PF
630
Common
Anode
Red
Common
Cathode
1.5
20
1.8
2.4
15.25
10.5
2:1
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Parameter
Absolute Maximum Ratings at Ta=25
Electrostatic Discharge( * )
Reverse Current Per Any Chip
Storage Temperature
Operating Temperature
Power Dissipation Per Chip
Forward Current Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Part Selection And Application Information(Ratings at 25)
PART NO
*
Electrical
λD
(nm)
CHIP
△λ
(nm)
Vf(v)
Topr
Tstg
ESD
Ir
-25 ~ +85
-25 ~ +85
2000
10
IV-M
Iv(mcd)
μA
μA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
PD
IFP
IF
Symbol
65
75
Red
25
mW
mA
UNIT
mA
Page 4/8
LSD375/65F-XX-PF
PART NO.


유사한 부품 번호 - LSD375-65F-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results

유사한 설명 - LSD375-65F-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD3B64S-XX-PF LIGITEK-LSD3B64S-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD3E5-62-XX-PF LIGITEK-LSD3E5-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD355-62-XX-S4 LIGITEK-LSD355-62-XX-S4 Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD3B62-XX-PF LIGITEK-LSD3B62-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD3E65-XX-PF LIGITEK-LSD3E65-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD3E55-XX LIGITEK-LSD3E55-XX Datasheet
124Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
logo
China Semiconductor Cor...
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
CSS-392E CHINASEMI-CSS-392E Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392G CHINASEMI-CSS-392G Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392A9 CHINASEMI-CSS-392A9 Datasheet
188Kb / 6P
   0.39 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com