전자부품 데이터시트 검색엔진 |
|
SA06N12 데이터시트(PDF) 1 Page - Bothhand USA, LP. |
|
SA06N12 데이터시트(HTML) 1 Page - Bothhand USA, LP. |
1 / 2 page Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 SA06N Series 13~24 Watts Switching Adapter FEATURES ●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance ●Light Weight: 210g only ●Efficiency 69%~81% ●Over-Voltage Protective Installation ●Short-circuit Protective Installation ●Protection Type: Auto-Recover ●Operating Temperature 0℃~40℃ SPECIFICATION Model Item SA06N3V3 SA06N05 SA06N06 SA06N09 SA06N12 Output Voltage 3.3V 5V 6V 9V 12V Output Current 4.0A 4.0A 3.0A 2.0A 2.0A Input Voltage AC 90~264V Input Frequency 47~63Hz Input Current 0.8A Maximum Inrush Current 40A Maximum Line Regulation 2% Maximum Load Regulation ± 5% Ripple & Noise 1% Maximum Efficiency 69% Typical 74% Typical 75% Typical 78% Typical 81% Typical Temperature Coefficient 0.05%/℃ Over-Voltage Protection 7V Maximum 10V Maximum 12V Maximum 18V Maximum 24V Maximum Operating Temperature 0~40℃ Storage Temperature -20~85℃ Fig. A UL, CUL, CB, BSMI, CE, PSE UL, CUL, CB, LPS, BSMI, CE, PSE Fig. U UL, CUL, TUV, CB, BSMI, CE, PSE UL, CUL, TUV, CB, LPS, BSMI, CE, PSE Fig. V Safety Description Fig. W UL, CUL, TUV, CB, BSMI, CE UL, CUL, TUV, CB, LPS, BSMI, CE UL, CUL, TUV, CB, LPS, BSMI, CE, PSE (*): Under Development (I/P): In Process |
유사한 부품 번호 - SA06N12 |
|
유사한 설명 - SA06N12 |