전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA01H15 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 SA01H15
상세설명  15 Watts Switching Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA01H15 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  SA01H15 Datasheet HTML 1Page - Bothhand USA, LP. SA01H15 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
SA01H
Series
15 Watts Switching Adapter
FEATURES
●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance
●Light Weight: 110g only
●High Power Density: 2.8Watts/Cubic Inch
●Efficiency 62%~77%
●Over-Voltage Protective Installation
●Short-circuit Protective Installation
●Protection Type: Auto-Recover
●Operating Temperature 0℃~40℃
SPECIFICATION
Model
Item
*SA01H12~17
*SA01H17~24
SA0112H
Output Voltage
+12V~17V
+17V~24V
12V
Output Rating
15W Max.
15W Max.
1.25A
Input Voltage
AC 90~264V
AC 90~132V
or 180~264V
Input Frequency
47~63Hz
Input Current
0.6A Maximum
0.6A or 0.3A
Maximum
Inrush Current
30A Maximum
Line Regulation
2% Maximum
Load Regulation
± 5%
Ripple & Noise
1% Maximum
Efficiency
80% Typical
82% Typical
77% Typical
Temperature Coefficient
0.05%/℃
Over-Voltage Protection
24V~34V Maximum
34V~48V Maximum
24V Maximum
Operating Temperature
0~40℃
Storage Temperature
-20~85℃
Fig. A
---
---
UL, CUL, PSE
Fig. B
---
---
---
Fig. C
---
---
---
Safety Description
Fig. D
---
---
TUV
(*): Under Development
(I/P): In Process


유사한 부품 번호 - SA01H15

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
SA01 MITSUBISHI-SA01 Datasheet
64Kb / 4P
   THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA01 APEX-SA01 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
317Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA01 CIRRUS-SA01 Datasheet
213Kb / 5P
   Pulse Width Modulation Amplifier
SA01-6 APEX-SA01-6 Datasheet
317Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
More results

유사한 설명 - SA01H15

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
A1-15S05 BOTHHAND-A1-15S05 Datasheet
46Kb / 2P
   15~18 Watts Switching Adapter
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
   30 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
   36 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
   20 Watts Switching Adapter
EA1050E BOTHHAND-EA1050E Datasheet
40Kb / 2P
   30~42 Watts Switching Adapter
SA0104 BOTHHAND-SA0104 Datasheet
49Kb / 2P
   5~7.5 Watts Switching Adapter
EA1060A BOTHHAND-EA1060A Datasheet
40Kb / 2P
   50~60 Watts Switching Adapter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com