전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA0207 데이터시트(PDF) 2 Page - Bothhand USA, LP.

부품명 SA0207
상세설명  6~15 Watts Switching Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA0207 데이터시트(HTML) 2 Page - Bothhand USA, LP.

  SA0207 Datasheet HTML 1Page - Bothhand USA, LP. SA0207 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
SA02
ORDERING INFORMATION
Unit: m.m.
Output Plug List
Fig.D
Fig.A
MECHANICAL
Output Voltage
Mechanical
0 5
A
-- 1 A
Standard Output Cable:
3.3V~5V: 18AWG, UL SPT-1, 1800mm.
6V~12V: 20AWG, UL 2468, 1800mm.


유사한 부품 번호 - SA0207

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
SA02 MITSUBISHI-SA02 Datasheet
64Kb / 4P
   THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
List of Unclassifed Man...
SA023A ETC2-SA023A Datasheet
182Kb / 5P
   Xeltek Socket Adapters SOP - SOIC
logo
Delta Electronics, Inc.
SA02D0524A DELTA-SA02D0524A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
SA02D1224A DELTA-SA02D1224A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
SA02D2424A DELTA-SA02D2424A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
More results

유사한 설명 - SA0207

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
   15 Watts Switching Adapter
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
A1-15S05 BOTHHAND-A1-15S05 Datasheet
46Kb / 2P
   15~18 Watts Switching Adapter
SA073V3 BOTHHAND-SA073V3 Datasheet
6Mb / 8P
   6-15 Watt Switching Adapter
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
   30 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
   36 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
   20 Watts Switching Adapter
EA1050E BOTHHAND-EA1050E Datasheet
40Kb / 2P
   30~42 Watts Switching Adapter
SA0104 BOTHHAND-SA0104 Datasheet
49Kb / 2P
   5~7.5 Watts Switching Adapter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com