전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GST5009CLF 데이터시트(Datasheet) 1 Page - Bothhand USA, LP.

부품명 GST5009CLF
상세내용  1000 BASE -T MAGNETICS MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo 

   
 1 page
background image
1000 BASE –T MAGNETICS MODULES
P/N: GST5009C LF DATA SHEET
Page : 1/1
Feature
l
Designed for long haul gigabit Ethernet 1000 BASE-T, full
duplex applications.
l
Supports 4 pairs of category 5 UTP cable.
l
Cable interface for isolation and low common mode emissions.
l
Compliant with IEEE 802.3ab standard for 1000 BASE-T.
l
Comply with RoHS requirements-whole part No Cd, No Hg, No
Cr6+, No PBB and PBDE and No Pb on external pins.
l
Comply with Air reflow profile of JEDEC 020C.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
GST5009C LF
1CT:1CT
1CT:1CT
350
-45
-40
-35
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@ Load 100Ω
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz 100MHz
30MHz
60MHz
100MHz
GST5009C LF
-1.0
-18
-14.4
-13.1
-12
-10
-40
-35
-30
Schematic
Mechanical
Bothhandusa.com
GST5009C LF




Html 페이지

1 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl