전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD-2069 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 AD-2069
상세설명  ADSL ISDN SPLITTER FOR CPE SIDE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-2069 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  AD-2069 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: AD-2069 DATA SHEET
A0(04/03)
Feature
Designed for ADSL over ISDN with 2B1Q/4B3T
Application.
● 1
00mA DC Loop Current Capacity.
Operating temperature range: 0℃ to +60℃.
Storage temperature range:-25℃ to +75℃.
Specifications
ISDN Port Impedance
135 /150 ohms
Return Loss
0.1-60KHz
-16 dB Min
3 dB Bandwidth
94 KHz Typ
60-80KHz
-14 dB Min
Insertion Loss
0.1-60KHz
-1.2dB Max
DC Resistance each line
12.5 ohms Max
60-80KHz
-2.0dB Max
Isolation resistance tip/ring
5M ohm Min
Attenuation @150 KHz
-55dB Min
Modem Port Impedance
100 ohms
@220 KHz
-65dB Min
ISDN Line Coding
2B1Q/4B3T
Delay Distortion
0.1-80KHz
20uS Max
Schematic
Mechanical
Connector Function
Style
Tip
Ring
J1
Modem
RJ45
Pin4
Pin5
J2
Line
RJ11
Pin4
Pin4
J3
Phone
RJ11
Pin3
Pin4
J4
Phone
NFN
Pin1
Pin2
Bothhandusa.com
ADSL ISDN SPLITTER FOR CPE SIDE
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


유사한 부품 번호 - AD-2069

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-2063 BOTHHAND-AD-2063 Datasheet
66Kb / 1P
   ADSL MICRO FILTER
AD-2063C BOTHHAND-AD-2063C Datasheet
64Kb / 1P
   ADSL MICROFILTER
AD-2064S BOTHHAND-AD-2064S Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMER
AD-2066 BOTHHAND-AD-2066 Datasheet
257Kb / 1P
   ADSL MICRO FILTER
AD-2068 BOTHHAND-AD-2068 Datasheet
315Kb / 1P
   ADSL ISDN SPLITTER FOR CPE SIDE
More results

유사한 설명 - AD-2069

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-2068 BOTHHAND-AD-2068 Datasheet
315Kb / 1P
   ADSL ISDN SPLITTER FOR CPE SIDE
AD-320UK BOTHHAND-AD-320UK Datasheet
100Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-8039J BOTHHAND-AD-8039J Datasheet
343Kb / 9P
   ADSL CPE SIDE SPLITTER
AD-8039 BOTHHAND-AD-8039 Datasheet
114Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-8039E BOTHHAND-AD-8039E Datasheet
115Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-2039C BOTHHAND-AD-2039C Datasheet
118Kb / 5P
   ADSL CPE SIDE SPLITTER
AD-9063 BOTHHAND-AD-9063 Datasheet
109Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-6001A BOTHHAND-AD-6001A Datasheet
249Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6001B BOTHHAND-AD-6001B Datasheet
252Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6001 BOTHHAND-AD-6001 Datasheet
250Kb / 1P
   ADSL CPE SIDE SPLITTER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com