전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD-3114S 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 AD-3114S
상세설명  ADSL LINE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-3114S 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  AD-3114S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: AD-3114S DATA SHEET
Feature
Schematic
Mechanical
!
For use with ADSL Application.
!
Operating Temperature: -10℃ to+60℃.
!
Storage Temperature: -25
to +75
..
Electrical Specifications @ 25°C
Turn Ratio
(±1%)
Longitudinal
Balance (dB Min)
Part
Number
Mounting
(8-6):(1-4)
OCL(uH±6%)
@10KHz,100mVAC
(1-4),(2+3) short
Insertion Loss
(dB Max)
Leakage Inductance
(uH Max)
@100KHz,100mVAC 30KHz~1.1MHz
AD-3114S
SMT
0.95 : 1
750
0.80
8
-35
Additional Specifications
DC Resistance
(Ω – Max, ±10%)
Part
Number
8-5
7-6
2-4
1-3
THD (dB Max)
@100KHz
Inter winding
Capacitance
(pF Max)
Isolation Voltage
(Vrms)
AD-3114S
0.80
0.61
0.55
-85
115
1875
Bothhandusa.com
ADSL LINE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


유사한 부품 번호 - AD-3114S

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-3136 BOTHHAND-AD-3136 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-3163 BOTHHAND-AD-3163 Datasheet
89Kb / 1P
   ADSL MICRO FILTER
AD-3163C BOTHHAND-AD-3163C Datasheet
85Kb / 1P
   ADSL POTS LOW PASS FILTERS
More results

유사한 설명 - AD-3114S

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com