전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD-8039J 데이터시트(PDF) 6 Page - Bothhand USA, LP.

부품명 AD-8039J
상세설명  ADSL CPE SIDE SPLITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-8039J 데이터시트(HTML) 6 Page - Bothhand USA, LP.

  AD-8039J Datasheet HTML 1Page - Bothhand USA, LP. AD-8039J Datasheet HTML 2Page - Bothhand USA, LP. AD-8039J Datasheet HTML 3Page - Bothhand USA, LP. AD-8039J Datasheet HTML 4Page - Bothhand USA, LP. AD-8039J Datasheet HTML 5Page - Bothhand USA, LP. AD-8039J Datasheet HTML 6Page - Bothhand USA, LP. AD-8039J Datasheet HTML 7Page - Bothhand USA, LP. AD-8039J Datasheet HTML 8Page - Bothhand USA, LP. AD-8039J Datasheet HTML 9Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
P/N: AD-8039J
Figure E-22 Test loop definition
E.4.3.1.2
Attenuation Distortion in Voice-Band Variation
The variation of insertion loss value form that measured with 1kHz shall be measured using the test set-up in Figure E-20
and Figure E-21. The attenuation of the POTS splitter between 0.2 and 3.4 kHz should be less than ±1.0 dB and between
3.4 and 4.0 kHz should be less than ±1.5dB
E.4.3.1.3
Delay Distortion
The increase in the delay distortion cause by the POTS splitter shall be as follows.
0.6 – 3.2 kHz: maximum of 200 µs
0.2 – 4.0 kHz: maximum of 250 µs
The delay distortion of the POTS splitter shall be measured using Figure E-20 and Figure E-21
E.4.3.1.4
Return Loss
Figure E-23 defines the configuration and the values of the test components that shall be used for impedance
measurements in the voice band for both the CO and R POTS splitter units. The return loss of each splitter under the
specified conditions shall be as follows
11dB(0.2 – 1.5 kHz)
10dB(1.5 – 2.0 kHz)
9dB(2.0 – 3.4 kHz)
Test
POTS splitter
0.12uF
LPF
U-x
PSTN
ZHP-x
equipment
xDSL
Return loss referce impedance
(Used only at co termintion)
ZNL-x
ZNL-x
POTS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


유사한 부품 번호 - AD-8039J

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-8039 BOTHHAND-AD-8039 Datasheet
114Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-8039E BOTHHAND-AD-8039E Datasheet
115Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-8039F BOTHHAND-AD-8039F Datasheet
396Kb / 1P
   ADSL CPE SIDE SPLITTER
More results

유사한 설명 - AD-8039J

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-320UK BOTHHAND-AD-320UK Datasheet
100Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-8039 BOTHHAND-AD-8039 Datasheet
114Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-8039E BOTHHAND-AD-8039E Datasheet
115Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-2039C BOTHHAND-AD-2039C Datasheet
118Kb / 5P
   ADSL CPE SIDE SPLITTER
AD-9063 BOTHHAND-AD-9063 Datasheet
109Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-6001A BOTHHAND-AD-6001A Datasheet
249Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6001B BOTHHAND-AD-6001B Datasheet
252Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6001 BOTHHAND-AD-6001 Datasheet
250Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6003 BOTHHAND-AD-6003 Datasheet
261Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-8039F BOTHHAND-AD-8039F Datasheet
396Kb / 1P
   ADSL CPE SIDE SPLITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com