전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD-8039J 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 AD-8039J
상세설명  ADSL CPE SIDE SPLITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-8039J 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  AD-8039J Datasheet HTML 1Page - Bothhand USA, LP. AD-8039J Datasheet HTML 2Page - Bothhand USA, LP. AD-8039J Datasheet HTML 3Page - Bothhand USA, LP. AD-8039J Datasheet HTML 4Page - Bothhand USA, LP. AD-8039J Datasheet HTML 5Page - Bothhand USA, LP. AD-8039J Datasheet HTML 6Page - Bothhand USA, LP. AD-8039J Datasheet HTML 7Page - Bothhand USA, LP. AD-8039J Datasheet HTML 8Page - Bothhand USA, LP. AD-8039J Datasheet HTML 9Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P/N: AD-8039J
Feature
!
Compact package, includes connectors for ease of
installation
!
Design for G.dmt Application
!
100 mA DC Loop Current Capacity
!
Operating Temperature: -10! to+ 60!.
!
Storage Temperature: -25!
!
to +75!
!
..
Specifications
(Operating Temperature 5~40!
!
!
!, Relative Humidity 20~90%)
POTS Port Impedance
600Ω
DC Resistance each line
12.5Ω Max
Insertion Loss @1KHz
-0.3dB Max
Attenuation @30~300KHz
-65dB Min
Billing tone(12KHz " 80Hz)
3dB~5dB
@300~1104KHz
-65dB Min
Attenuation Distortion (dB, ref 1KHz)
Longitudinal Balance 0.2 ~1KHz
-58 dB Min
200Hz~3400Hz
+/- 0.6 dB
1KHz~3KHz
-53 dB Min
3400Hz~4000Hz
+/- 1.0 dB
Isolation resistance tip/ring
5M ohm Min
Return Loss
200Hz~500Hz
-14 dB Min
POTS trip and ring DC Voltage
0-105V
500Hz~2000Hz
-18 dB Min
2000Hz~3400Hz
-14 dB Min
Delay Distortion @0.6-3.2KHz
100uS Max
Dimension
Schematic
Connector Function
Style
Tip
Ring
J1
Modem
RJ11
Pin3
Pin4
J2
Line
RJ11
Pin3
Pin4
J3
Phone
RJ11
Pin3
Pin4
LINE
MODEM
PHONE
LPF
Bothhandusa.com
ADSL CPE SIDE SPLITTER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


유사한 부품 번호 - AD-8039J

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-8039 BOTHHAND-AD-8039 Datasheet
114Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-8039E BOTHHAND-AD-8039E Datasheet
115Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-8039F BOTHHAND-AD-8039F Datasheet
396Kb / 1P
   ADSL CPE SIDE SPLITTER
More results

유사한 설명 - AD-8039J

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-320UK BOTHHAND-AD-320UK Datasheet
100Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-8039 BOTHHAND-AD-8039 Datasheet
114Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-8039E BOTHHAND-AD-8039E Datasheet
115Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-2039C BOTHHAND-AD-2039C Datasheet
118Kb / 5P
   ADSL CPE SIDE SPLITTER
AD-9063 BOTHHAND-AD-9063 Datasheet
109Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-6001A BOTHHAND-AD-6001A Datasheet
249Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6001B BOTHHAND-AD-6001B Datasheet
252Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6001 BOTHHAND-AD-6001 Datasheet
250Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6003 BOTHHAND-AD-6003 Datasheet
261Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-8039F BOTHHAND-AD-8039F Datasheet
396Kb / 1P
   ADSL CPE SIDE SPLITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com