전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q13.0-JXE42-16-30 데이터시트(PDF) 2 Page - Jauch Quartz Gmbh

부품명 Q13.0-JXE42-16-30
상세설명  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JAUCH [Jauch Quartz Gmbh]
홈페이지  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q13.0-JXE42-16-30 데이터시트(HTML) 2 Page - Jauch Quartz Gmbh

  Q13.0-JXE42-16-30 Datasheet HTML 1Page - Jauch Quartz Gmbh Q13.0-JXE42-16-30 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quartz Crystal • JXE42
#4
#3
#1
#2
#1
#2
#3
#4
4.0±0.2
2.0
1.4
#2
#1
#4
#3
Dimensions
in mm
8.0
4.0
1.1
2.9
ø 1.5
Feeding
Taping Specification
1000 pcs per reel
in mm
temperature (
°C)
time (seconds)
150
250
200
50
100
90
±30 s
30
±10 s
10
±1 s
235 ±5 °C /260°C max.
150
±5 °C
Reflow Soldering Profile
in mm
top view
side view
bottom view
crystal connection
pad layout
2.0
ø 21
120
°
12.4
Load Capacitance Codes
note: temperatures are measured on PCB surface
7 pF: m
8 pF: k
9 pF: n
10 pF: h
11 pF: l
12 pF: a
20 pF: c
22 pF: g
24 pF: d
25 pF: r
27 pF: w
30 pF: .
32 pF: e
series: s
T: 3rd OT
13 pF: v
14 pF: x
15 pF: j
16 pF: b
17 pF: t
18 pF: f
example 13.0 MHz / 12 pF: 13a00
The pulse of progress
Jauch Quartz GmbH • Telephone: (+49) 77 20 / 9 45-0 • Telefax: (+49) 77 20 / 9 45-100 • Internet: www.jauch.de • e-mail: info@jauch.de • 02/2004


유사한 부품 번호 - Q13.0-JXE42-16-30

제조업체부품명데이터시트상세설명
logo
Jauch Quartz Gmbh
Q13.0-JXG32P4-12-30/100 JAUCH-Q13.0-JXG32P4-12-30/100 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q13.0-JXG32P4-12-30/30 JAUCH-Q13.0-JXG32P4-12-30/30 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q13.0-JXG32P4-12-30/50 JAUCH-Q13.0-JXG32P4-12-30/50 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q13.0-JXS32-12-10 JAUCH-Q13.0-JXS32-12-10 Datasheet
147Kb / 2P
   SMD Quartz Crystal
Q13.0-JXS32-12-30 JAUCH-Q13.0-JXS32-12-30 Datasheet
147Kb / 2P
   SMD Quartz Crystal
More results

유사한 설명 - Q13.0-JXE42-16-30

제조업체부품명데이터시트상세설명
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com