전자부품 데이터시트 검색엔진 |
|
Q16.0-JXS75-12-30 데이터시트(PDF) 1 Page - Jauch Quartz Gmbh |
|
Q16.0-JXS75-12-30 데이터시트(HTML) 1 Page - Jauch Quartz Gmbh |
1 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice RoHS 2002/95/EC Pb free: pins / pads RoHS compliant General Data ESR (series resistance Rs) SMD Quartz Crystal · JXS75 ■ ± 10 ppm type available ■ EMI shielding possible by grounded lid ■ reflow soldering temperature: 260 °C max. ■ ceramic / metal package Marking frequency with load capacitance code company code / date code / internal code date code: year/month example: 9A = 2009 January frequency vibration ESR max. ESR typ. in MHz mode in Ω in Ω 5.53 ~ 5.99 fund.- AT 150 80 6.0 ~ 6.99 fund.- AT 100 60 7.0 ~ 9.99 fund.- AT 80 20 10.0 ~ 15.99 fund.- AT 60 20 16.0 ~ 21.99 fund.- AT 50 15 22.0 ~ 24.99 fund.- AT 40 15 25.0 ~ 54.00 fund.- AT 30 15 24.0 ~ 150.00 3rd OT - AT on request on request actual size Jan. Febr. Mar. Apr. May June AB C D E F July Aug. Sept. Oct. Nov. Dec. GH J K L M type frequency range frequency tolerance at 25 °C load capacitance CL shunt capacitance Co storage temperature drive level max. aging 7.5 max. 4.5±0.1 # 4 # 1 # 3 # 2 #4 #3 #1 #2 #3 #4 #2 #1 6.3±0.1 2.2±0.1 1.5±0.1 Dimensions in mm top view side view bottom view crystal connection pad layout #2 - #4: connected to lid blank = -20 °C ~ +70 °C T1 = -40 °C ~ +85 °C FU = for fundamental frequencies ≥ 20 MHz 3OT = 3rd overtone Order Information Example: Q 28.0-JXS75-12-30/30-FU (Suffix LF = RoHS compliant / Pb free pins or pads) Q frequency type load capacitance Quartz 5.53 ~ 170.0 MHz JXS75 12 pF standard 8 pF ~ 30 pF S for series 10 = ± 10 ppm 30 = ± 30 ppm see table option stability at 25 °C stability vs. temp. range 4 Pad Version · 7.5 x 5.2 mm JXS75 05.53 ~ 54.0 MHz ( fund. AT-cut ) 24.00 ~ 150.0 MHz ( 3rd OT AT-cut ) 60.00 ~ 170.0 MHz ( fund. AT-cut ) on request ± 10 ppm ~ ± 30 ppm 12 pF standard (option 8 pF ~ 30 pF / series) < 7 pF -40 °C ~ +90 °C 100 µW < ± 3 ppm first year Frequency Stability vs. Temperature ± 10 ppm ± 15 ppm ± 20 ppm ± 30 ppm ± 50 ppm 100 ppm OO O • OO OO O O O -20 °C ~ +70 °C STD. -40 °C ~ +85 °C T1 • standard O available 071009 |
유사한 부품 번호 - Q16.0-JXS75-12-30 |
|
유사한 설명 - Q16.0-JXS75-12-30 |