전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY253 데이터시트(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

부품명 BY253
상세설명  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
홈페이지  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

BY253 데이터시트(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  BY253 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd BY253 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BY251 THRU BY255
0.001
0.01
0.1
 100
 10
0.4
0.2
0.6
0.8
1.0
1.4
1.6
1.2
25
25
30
20
20
40
50
30
10
10
15
50
75
125
100
150
175
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Number of cycles at 50Hz
LEAD LENGTH (mm)
LEAD TEMPERATURE ( C)
Typ.values
TJ=25 C
TJ=150 C
20
10
100
 20
 40
 100
 200
 1000
 400
FIG.3-MAXIMUM NON-REPBTITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL THERMAL RESISTANCE
TJ=25 C
Ror L-Load
10mm
10mm
C-Load
1 Cycle
IFM
Typ
Max
L
L
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
7-45


유사한 부품 번호 - BY253

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY253 DIOTEC-BY253 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
BY253 DIOTEC-BY253 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Transys Electronics
BY253 TRSYS-BY253 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

유사한 설명 - BY253

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com