전자부품 데이터시트 검색엔진 |
|
TA2125AF 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TA2125AF 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 7 page TA2125AF 2002-02-12 2 Terminal Explanation No. Symbol Function 1 OUT5A Output terminal H-bridge 2 VM Supply voltage terminal for Logic H-bridge 3 OUT5B Output terminal H-bridge 4 VCIN Input reference voltage 4ch BTL 5 IN1 Input for ch1 4ch BTL 6 N.C. Open ¾ 7 N.C. Open ¾ 8 N.C. 8, 9, 10, 27, 28, 29 are connected to PW GND (FIN) ¾ 9 N.C. 8, 9, 10, 27, 28, 29 are connected to PW GND (FIN) ¾ 10 N.C. 8, 9, 10, 27, 28, 29 are connected to PW GND (FIN) ¾ 11 IN2 Input for ch2 4ch BTL 12 N.C. Open ¾ 13 N.C. Open ¾ 14 VCC1 Supply voltage terminal for ch1/ch2 4ch BTL 15 OUT2M Inverted output for ch2 4ch BTL 16 OUT2P Non-inverted output for ch2 4ch BTL 17 OUT1M Inverted output for ch1 4ch BTL 18 OUT1P Non-inverted output for ch1 4ch BTL 19 OUT3P Non-inverted output for ch3 4ch BTL 20 OUT3M Inverted output for ch3 4ch BTL 21 OUT4P Non-inverted output for ch4 4ch BTL 22 OUT4M Inverted output for ch4 4ch BTL 23 VCC2 Supply voltage terminal for ch3/ch4 4ch BTL 24 N.C. Open ¾ 25 REG Connection with BASE of PNP Tr Regulator 26 REG OUT Output for regulator (5 V) Regulator 27 N.C. 8, 9, 10, 27, 28, 29 are connected to PW GND (FIN) ¾ 28 N.C. 8, 9, 10, 27, 28, 29 are connected to PW GND (FIN) ¾ 29 N.C. 8, 9, 10, 27, 28, 29 are connected to PW GND (FIN) ¾ 30 REG STBY Standby control for regulator Regulator 31 IN4 Input for ch4 4ch BTL 32 IN3 Input for ch3 4ch BTL 33 STBY Standby control for 4ch BTL 4ch BTL 34 FIN Logic control input H-bridge 35 RIN Logic control input H-bridge 36 VR Supply voltage terminal for motor driver H-bridge |
유사한 부품 번호 - TA2125AF |
|
유사한 설명 - TA2125AF |