전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8GZ47 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 SM8GZ47
상세설명  AC POWER CONTROL APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM8GZ47 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  SM8GZ47 Datasheet HTML 1Page - Toshiba Semiconductor SM8GZ47 Datasheet HTML 2Page - Toshiba Semiconductor SM8GZ47 Datasheet HTML 3Page - Toshiba Semiconductor SM8GZ47 Datasheet HTML 4Page - Toshiba Semiconductor SM8GZ47 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM8GZ47,SM8JZ47,SM8GZ47A,SM8JZ47A
2001-07-13
2
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Repetitive Peak Off−State
Current
IDRM
VDRM = Rated
20
µA
I
T2 (+), Gate (+)
1.5
II
T2 (+), Gate (−)
1.5
III
T2 (−), Gate (−)
1.5
Gate Trigger Voltage
IV
VGT
VD = 12V
RL = 20Ω
T2 (−), Gate (+)
V
I
T2 (+), Gate (+)
30
II
T2 (+), Gate (−)
30
III
T2 (−), Gate (−)
30
SM8GZ47
SM8JZ47
IV
T2 (−), Gate (+)
I
T2 (+), Gate (+)
20
II
T2 (+), Gate (−)
20
III
T2 (−), Gate (−)
20
Gate Trigger
Current
SM8GZ47A
SM8JZ47A
IV
IGT
VD = 12V
RL = 20Ω
T2 (−), Gate (+)
mA
Peak On−State Voltage
VTM
ITM = 12A
1.5
V
Gate Non−Trigger Voltage
VGD
VD = Rated, Tc = 125°C
0.2
V
Holding Current
IH
VD = 12V, ITM = 1A
50
mA
Thermal Resistance
Rth (j−c)
Junction to Case, AC
3.6
°C / W
SM8GZ47
SM8JZ47
300
Critical Rate of
Rise of Off−State
Voltage
SM8GZ47A
SM8JZ47A
dv / dt
VDRM = Rated, Tj = 125°C
Exponential Rise
200
V / µs
SM8GZ47
SM8JZ47
10
Critical Rate of
Rise of Off−State
Voltage at
Commutation
SM8GZ47A
SM8JZ47A
(dv / dt) c
VDRM = 400V, Tj = 125°C
(di /dt) c = −4.5A / ms
4
V / µs
MARKING
* NUMBER
SYMBOL
MARK
* 1
TOSHIBA PRODUCT MARK
SM8GZ47, SM8GZ47A
M8GZ47
* 2
SM8JZ47, SM8JZ47A
M8JZ47
* 3
TYPE
SM8GZ47A, SM8JZ47A
A
* 4
Example
8A : January 1998
8B : Febrary 1998
8L : December 1998


유사한 부품 번호 - SM8GZ47

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SM8G45 TOSHIBA-SM8G45 Datasheet
320Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G45A TOSHIBA-SM8G45A Datasheet
320Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48A TOSHIBA-SM8G48A Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results

유사한 설명 - SM8GZ47

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com