전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7712 데이터시트(PDF) 10 Page - Sitronix Technology Co., Ltd.

부품명 ST7712
상세설명  262K Color Single-Chip TFT Controller/Driver
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7712 데이터시트(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7712 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
ST7712
Ver 2.3
10/113
2007/07/19
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
503
G60
-6780.5
570.715
539
VCOM1
-7313.33 -583.465
504
G58
-6808.5
454.715
540
DUMMY4
-7140
-583.465
505
G56
-6836.5
570.715
541
VGH
-7045
-583.465
506
G54
-6864.5
454.715
542
VGH
-6950
-583.465
507
G52
-6892.5
570.715
543
VLOUT2
-6855
-583.465
508
G50
-6920.5
454.715
544
C22+
-6760
-583.465
509
G48
-6948.5
570.715
545
C22+
-6665
-583.465
510
G46
-6976.5
454.715
546
C22-
-6570
-583.465
511
G44
-7004.5
570.715
547
C22-
-6475
-583.465
512
G42
-7032.5
454.715
548
C21+
-6380
-583.465
513
G40
-7060.5
570.715
549
C21+
-6285
-583.465
514
G38
-7088.5
454.715
550
C21-
-6190
-583.465
515
G36
-7116.5
570.715
551
C21-
-6095
-583.465
516
G34
-7144.5
454.715
552
C12+
-6000
-583.465
517
G32
-7172.5
570.715
553
C12+
-5905
-583.465
518
G30
-7200.5
454.715
554
C12+
-5810
-583.465
519
G28
-7228.5
570.715
555
C12+
-5715
-583.465
520
G26
-7256.5
454.715
556
C12-
-5620
-583.465
521
G24
-7284.5
570.715
557
C12-
-5525
-583.465
522
G22
-7312.5
454.715
558
C12-
-5430
-583.465
523
G20
-7340.5
570.715
559
C12-
-5335
-583.465
524
G18
-7368.5
454.715
560
VLOUT3
-5240
-583.465
525
G16
-7396.5
570.715
561
VGL
-5145
-583.465
526
G14
-7424.5
454.715
562
VGL
-5050
-583.465
527
G12
-7452.5
570.715
563
VGL
-4955
-583.465
528
G10
-7480.5
454.715
564
VGL
-4860
-583.465
529
G8
-7508.5
570.715
565
IOVCCDUM1 -4715
-583.465
530
G6
-7536.5
454.715
566
IOVCCDUM1 -4620
-583.465
531
G4
-7564.5
570.715
567
IM0
-4525
-583.465
532
G2
-7592.5
454.715
568
IM1
-4430
-583.465
533
G0
-7620.5
570.715
569
IM2
-4335
-583.465
534
DUMMYD
-7710
570.715
570
IM3
-4240
-583.465
535
DUMMY1
-7710
-583.465
571
IOGNDDUM1 -4145
-583.465
536
DUMMY2
-7609.15
-583.465
572
IOGNDDUM1 -4050
-583.465
537
DUMMY3
-7508.3
-583.465
573
FLM
-3955
-583.465
538
VCOM1
-7408.33
-583.465
574
XCS
-3860
-583.465


유사한 부품 번호 - ST7712

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST7710-STDVB STMICROELECTRONICS-ST7710-STDVB Datasheet
84Kb / 3P
   Single-chip, low-cost high definition set-top box decoder
logo
Sitronix Technology Co....
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
   262K Color Single-Chip TFT Controller/Driver
More results

유사한 설명 - ST7712

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
   262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
   262K Color Single - Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
   262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
   262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
   262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
   132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com