전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7715 데이터시트(PDF) 9 Page - Sitronix Technology Co., Ltd.

부품명 ST7715
상세설명  262K Color Single-Chip TFT Controller/Driver
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 데이터시트(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 167 page
background image
ST7715
V1.5
9
2009-12-04
No.
PAD Name
X
Y
No.
PAD Name
X
Y
No.
PAD Name
X
Y
601
S72
-2244
110
651
S22
-3044
110
701
G49
-3844
110
602
S71
-2260
227
652
S21
-3060
227
702
G51
-3860
227
603
S70
-2276
110
653
S20
-3076
110
703
G53
-3876
110
604
S69
-2292
227
654
S19
-3092
227
704
G55
-3892
227
605
S68
-2308
110
655
S18
-3108
110
705
G57
-3908
110
606
S67
-2324
227
656
S17
-3124
227
706
G59
-3924
227
607
S66
-2340
110
657
S16
-3140
110
707
G61
-3940
110
608
S65
-2356
227
658
S15
-3156
227
708
G63
-3956
227
609
S64
-2372
110
659
S14
-3172
110
709
G65
-3972
110
610
S63
-2388
227
660
S13
-3188
227
710
G67
-3988
227
611
S62
-2404
110
661
S12
-3204
110
711
G69
-4004
110
612
S61
-2420
227
662
S11
-3220
227
712
G71
-4020
227
613
S60
-2436
110
663
S10
-3236
110
713
G73
-4036
110
614
S59
-2452
227
664
S9
-3252
227
714
G75
-4052
227
615
S58
-2468
110
665
S8
-3268
110
715
G77
-4068
110
616
S57
-2484
227
666
S7
-3284
227
716
G79
-4084
227
617
S56
-2500
110
667
S6
-3300
110
717
G81
-4100
110
618
S55
-2516
227
668
S5
-3316
227
718
G83
-4116
227
619
S54
-2532
110
669
S4
-3332
110
719
G85
-4132
110
620
S53
-2548
227
670
S3
-3348
227
720
G87
-4148
227
621
S52
-2564
110
671
S2
-3364
110
721
G89
-4164
110
622
S51
-2580
227
672
S1
-3380
227
722
G91
-4180
227
623
S50
-2596
110
673
DUMMY
-3396
110
723
G93
-4196
110
624
S49
-2612
227
674
DUMMY
-3412
227
724
G95
-4212
227
625
S48
-2628
110
675
DUMMY
-3428
110
725
G97
-4228
110
626
S47
-2644
227
676
DUMMY
-3444
227
726
G99
-4244
227
627
S46
-2660
110
677
G1
-3460
110
727
G101
-4260
110
628
S45
-2676
227
678
G3
-3476
227
728
G103
-4276
227
629
S44
-2692
110
679
G5
-3492
110
729
G105
-4292
110
630
S43
-2708
227
680
G7
-3508
227
730
G107
-4308
227
631
S42
-2724
110
681
G9
-3524
110
731
G109
-4324
110
632
S41
-2740
227
682
G11
-3540
227
732
G111
-4340
227
633
S40
-2756
110
683
G13
-3556
110
733
G113
-4356
110
634
S39
-2772
227
684
G15
-3572
227
734
G115
-4372
227
635
S38
-2788
110
685
G17
-3588
110
735
G117
-4388
110
636
S37
-2804
227
686
G19
-3604
227
736
G119
-4404
227
637
S36
-2820
110
687
G21
-3620
110
737
G121
-4420
110
638
S35
-2836
227
688
G23
-3636
227
738
G123
-4436
227
639
S34
-2852
110
689
G25
-3652
110
739
G125
-4452
110
640
S33
-2868
227
690
G27
-3668
227
740
G127
-4468
227
641
S32
-2884
110
691
G29
-3684
110
741
G129
-4484
110
642
S31
-2900
227
692
G31
-3700
227
742
G131
-4500
227
643
S30
-2916
110
693
G33
-3716
110
743
DUMMYG
-4516
110
644
S29
-2932
227
694
G35
-3732
227
744
DUMMYG
-4532
227
645
S28
-2948
110
695
G37
-3748
110
745
DUMMYG
-4548
110
646
S27
-2964
227
696
G39
-3764
227
746
DUMMYG
-4564
227
647
S26
-2980
110
697
G41
-3780
110
747
DUMMYG
-4580
110
648
S25
-2996
227
698
G43
-3796
227
748
DUMMYG
-4596
227
649
S24
-3012
110
699
G45
-3812
110
749
DUMMYG
-4612
110
650
S23
-3028
227
700
G47
-3828
227
750
DUMMYG
-4628
227


유사한 부품 번호 - ST7715

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST7710-STDVB STMICROELECTRONICS-ST7710-STDVB Datasheet
84Kb / 3P
   Single-chip, low-cost high definition set-top box decoder
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
   262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
More results

유사한 설명 - ST7715

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
   262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
   262K Color Single - Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
   262K Color Single-Chip TFT Controller/Driver
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
   262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
   262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
   132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com