전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7781 데이터시트(PDF) 6 Page - Sitronix Technology Co., Ltd.

부품명 ST7781
상세설명  262K Color Single - Chip TFT Controller/Driver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7781 데이터시트(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST7781 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
ST7781
Ver. 1.7
6
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
161
VDD
2870
-304
201
VGH
5670
-304
162
VDD
2940
-304
202
VGH
5740
-304
163
TESTO
3010
-304
203
VGH
5810
-304
164
TESTO
3080
-304
204
DUMMY
5880
-304
165
C12N
3150
-304
205
DUMMY
5950
-304
166
C12N
3220
-304
206
C21N
6020
-304
167
C12N
3290
-304
207
C21N
6090
-304
168
C12N
3360
-304
208
C21N
6160
-304
169
C12N
3430
-304
209
C21N
6230
-304
170
C12P
3500
-304
210
C21P
6300
-304
171
C12P
3570
-304
211
C21P
6370
-304
172
C12P
3640
-304
212
C21P
6440
-304
173
C12P
3710
-304
213
C21P
6510
-304
174
C12P
3780
-304
214
C22N
6580
-304
175
C11N
3850
-304
215
C22N
6650
-304
176
C11N
3920
-304
216
C22N
6720
-304
177
C11N
3990
-304
217
C22N
6790
-304
178
C11N
4060
-304
218
C22N
6860
-304
179
C11N
4130
-304
219
C22N
6930
-304
180
C11P
4200
-304
220
C22N
7000
-304
181
C11P
4270
-304
221
C22P
7070
-304
182
C11P
4340
-304
222
C22P
7140
-304
183
C11P
4410
-304
223
C22P
7210
-304
184
C11P
4480
-304
224
C22P
7280
-304
185
VGL
4550
-304
225
C22P
7350
-304
186
VGL
4620
-304
226
C22P
7420
-304
187
VGL
4690
-304
227
C22P
7490
-304
188
VGL
4760
-304
228
C23N
7560
-304
189
VGL
4830
-304
229
C23N
7630
-304
190
VGL
4900
-304
230
C23N
7700
-304
191
VGL
4970
-304
231
C23N
7770
-304
192
VGL
5040
-304
232
C23N
7840
-304
193
VGL
5110
-304
233
C23N
7910
-304
194
VGL
5180
-304
234
C23N
7980
-304
195
AGND
5250
-304
235
C23P
8050
-304
196
AGND
5320
-304
236
C23P
8120
-304
197
AGND
5390
-304
237
C23P
8190
-304
198
VGH
5460
-304
238
C23P
8260
-304
199
VGH
5530
-304
239
C23P
8330
-304
200
VGH
5600
-304
240
C23P
8400
-304


유사한 부품 번호 - ST7781

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST778 STMICROELECTRONICS-ST778 Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7789V SITRONIX-ST7789V Datasheet
8Mb / 308P
   The ST7789V is a single-chip controller/driver for 262K-color
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
More results

유사한 설명 - ST7781

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
   262K Color Single-Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
   262K Color Single-Chip TFT Controller/Driver
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
   262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
   262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
   262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
   132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com