전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST8009 데이터시트(PDF) 11 Page - Sitronix Technology Co., Ltd.

부품명 ST8009
상세설명  96 Output LCD Common/ Segment Driver IC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8009 데이터시트(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST8009 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
ST8009
V1.1
11/43
2006/11/1
(common /segment mix mode)
SYMBOL
FUNCTION
VDD
Logic system power supply pin, connected to +2.5 to +5.5 V.
VSS
Ground pin, connected to 0 V.
V0 , V1
V2 , V3
V4
When the internal power supply circuit turns on :
The internal power supply circuit will produce the LCD bias voltage set( V0 ~ V4 ), and those
voltages are setting by the “LCD Bias Set” register.
When the internal power supply circuit turns off :
Supply the bias voltages set by a resistor divider externally , and had better use follower circuit to
hold those voltages.
Ensure that voltages are set such that V0 ≧V1 ≧V2 ≧V3 ≧V4 ≧VSS
DI3~DI0
Input pins for display data
In 4-bit parallel input mode, input data into the 4 pins, DI3~DI0.
In serial input mode, connect data to the DI0 pin, and DI3-DI1 must be connected to VSS .
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
XCK
Clock input pin for taking display data
Data is read at the falling edge of the clock pulse.
LP1
Latch pulse input pin for display data
Data is latched at the falling edge of the clock pulse.
LP2
Shift clock pulse input pin for bi-directional shift register
Data is shifted at the falling edge of the clock pulse.
When use gray scale mode, then must use the pin.
When use monochrome mode, then the pin should be shorted to LP1.
XDISPOFF
The switch for turn on or turn off the LCD display
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and controls the
LCD drive circuit.
When set to VSS level "L", the LCD drive output pins (CS0-CS95) are set to level VSS.
When set to "L", the contents of the line latch are reset, but the display data are read in the
data latch regardless of the condition of XDISPOFF. When the XDISPOFF function is canceled,
the driver outputs non-select level (V2 or V3), then outputs the contents of the data latch at the
next falling edge of the LP. At that time, if XDISPOFF removal time does not correspond to what is
shown in AC characteristics, it cannot output the reading data correctly.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
FR
AC signal input pin for LCD drive waveform
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and controls the
LCD drive circuit.
The LCD drive output pins' output voltage levels can be set using the line latch output signal and
the FR signal, and it inputs a frame inversion signal normally.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.


유사한 부품 번호 - ST8009

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
845Kb / 26P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
More results

유사한 설명 - ST8009

제조업체부품명데이터시트상세설명
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
List of Unclassifed Man...
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
   160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
   240 Output LCD Segment/Common Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com