전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB2012PA221 데이터시트(PDF) 10 Page - SAMWHA ELECTRIC

부품명 CB2012PA221
상세설명  BEADS, For Power Line
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMWHA [SAMWHA ELECTRIC]
홈페이지  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB2012PA221 데이터시트(HTML) 10 Page - SAMWHA ELECTRIC

Back Button CB2012PA221 Datasheet HTML 5Page - SAMWHA ELECTRIC CB2012PA221 Datasheet HTML 6Page - SAMWHA ELECTRIC CB2012PA221 Datasheet HTML 7Page - SAMWHA ELECTRIC CB2012PA221 Datasheet HTML 8Page - SAMWHA ELECTRIC CB2012PA221 Datasheet HTML 9Page - SAMWHA ELECTRIC CB2012PA221 Datasheet HTML 10Page - SAMWHA ELECTRIC CB2012PA221 Datasheet HTML 11Page - SAMWHA ELECTRIC CB2012PA221 Datasheet HTML 12Page - SAMWHA ELECTRIC CB2012PA221 Datasheet HTML 13Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
5.0
3.8
3.6
1.5
4532
5.0
3.0
3.6
1.5
4516
5.0
3.0
1.5
1.3
3216
4.0
1.3
1.0
1.0
2012
2.0
1.3
0.8
1.0
1608
ITEM
1005
0.7
0.5
B
(mm)
0.7
0.7
W
(kgf)
C
(mm)
A
(mm)
No mechanical damage
Flexure strength
1. No mechanical damage
2. Impedance shall not change more than ±30 %
Temperature : 40
± 2 ℃
Humidity : 90
± 2 % RH
Applied current : rated current
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Humidity load
resistance
Temperature : -55
± 3 ℃
Time : 1000
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Low temperature
resistance
1. -55
± 3℃ for 30 minutes
2.125
± 3 ℃ for 30 minutes
3. repeat 100 cycle
Thermal shock
The terminal electrode shall be neither break off
nor the chip damage
Drop 10 times on a concrete floor
from a height of 100 cm
Drop
Bending strength
Frequency : 10 ~ 55 Hz
Amplitude : 1.5 mm
Direction : X, Y, Z
Sweep time : 2 hours for each axis
Vibration
Test Conditions
Requirements
Item
Reliability & Test Condition
DPS-081104
CHIP BEADS
W
A
B
C
R0.5
A
20
50
R340
W
2 mm
Resistance meter


유사한 부품 번호 - CB2012PA221

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
CB20120207A7 EATON-CB20120207A7 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207A9 EATON-CB20120207A9 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207AB EATON-CB20120207AB Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207B7 EATON-CB20120207B7 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207B9 EATON-CB20120207B9 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
More results

유사한 설명 - CB2012PA221

제조업체부품명데이터시트상세설명
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com