전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB3216PA501 데이터시트(PDF) 2 Page - SAMWHA ELECTRIC

부품명 CB3216PA501
상세설명  BEADS, For Power Line
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMWHA [SAMWHA ELECTRIC]
홈페이지  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA501 데이터시트(HTML) 2 Page - SAMWHA ELECTRIC

  CB3216PA501 Datasheet HTML 1Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 2Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 3Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 4Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1608 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
1000
0.12
120
CB1608PJ121
2000
0.05
30
CB1608PJ300
1000
0.10
60
CB1608PJ600
2000
0.05
10
CB1608PK100
2000
0.05
30
CB1608PK300
1000
0.08
60
CB1608PK600
800
0.10
120
CB1608PK121
800
0.12
180
CB1608PK181
800
0.12
180
CB1608PA181
800
0.10
120
CB1608PA121
2000
0.05
10
CB1608PA100
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
800
0.12
120
CB1608PM121
1000
0.08
60
CB1608PM600
1500
0.06
30
CB1608PM300
1000
0.08
60
CB1608PA600
100
2000
0.05
30
CB1608PA300
DPS-081104
CHIP BEADS, For Power Line


유사한 부품 번호 - CB3216PA501

제조업체부품명데이터시트상세설명
logo
SAMWHA ELECTRIC
CB3216GA102 SAMWHA-CB3216GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA121 SAMWHA-CB3216GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA151 SAMWHA-CB3216GA151 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA201 SAMWHA-CB3216GA201 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA301 SAMWHA-CB3216GA301 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

유사한 설명 - CB3216PA501

제조업체부품명데이터시트상세설명
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com