전자부품 데이터시트 검색엔진 |
|
DL-5530S-C430-FS 데이터시트(PDF) 4 Page - Optoway Technology Inc |
|
DL-5530S-C430-FS 데이터시트(HTML) 4 Page - Optoway Technology Inc |
4 / 5 page Optoway DL-5500-CXX0 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/15/2009 V3.0 ORDER INFORMATION Part No.: D L − 5 5 □ □ □ − C □ □ 0 − □ □ S Code Pout (mW) Code Wavelength Code Isolator 2 1 27 1270 nm S Single-Stage 3 2 29 1290 nm 4 3 31 1310 nm 33 1330 nm Code PIN Assignment 35 1350 nm 0 Type A 37 1370 nm Code Connector Type 5 Type B 39 1390 nm F FC/PC 8 Type C 41 1410 nm FB FC/PC (Board Mount) 43 1430 nm T ST/PC Code Speed 45 1450 nm S SC/PC Blank 1.25 Gbps 47 1470 nm SB SC/PC (Board Mount) S 2.5 Gbps 49 1490 nm 51 1510 nm 53 1530 nm 55 1550 nm 57 1570 nm 59 1590 nm 61 1610 nm |
유사한 부품 번호 - DL-5530S-C430-FS |
|
유사한 설명 - DL-5530S-C430-FS |