전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4756A 데이터시트(PDF) 2 Page - Transys Electronics

부품명 1N4756A
상세설명  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRSYS [Transys Electronics]
홈페이지  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N4756A 데이터시트(HTML) 2 Page - Transys Electronics

  1N4756A Datasheet HTML 1Page - Transys Electronics 1N4756A Datasheet HTML 2Page - Transys Electronics 1N4756A Datasheet HTML 3Page - Transys Electronics 1N4756A Datasheet HTML 4Page - Transys Electronics 1N4756A Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N4741A THRU 1M200Z
*ELECTRICAL CHARACTERISTICS (TA=25 unless otherwise noted) VF=1.2V max, IF=200mA for all types.
Maximum Zener Impedance (Note 4.)
Leakage Current
Type No.
(Note 1.)
Nominal Zener
Voltage Vz @ IZT
volts
(Notes2. And
3.)
Test current
IZT
mA
ZZT @ IZT
Ohms
ZZk @ IZK
Ohms
IZK
mA
IR
A Max
VR
Volts
Surge Current
@ TA=25
Ir - mA
(Note 5.)
1N4741A
1N4742A
1N4743A
1N4744A
1N4745A
11
12
13
15
16
23
21
19
17
15.5
8.0
9.0
10
14
16
700
700
700
700
700
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
8.4
9.1
9.9
11.4
12.2
414
380
344
304
285
1N4746A
1N4747A
1N4748A
1N4749A
1N4750A
18
20
22
24
27
14
12.5
11.5
10.5
9.5
20
22
23
25
35
750
750
750
750
750
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
13.7
15.2
16.7
18.2
20.6
250
225
205
190
170
1N4751A
1N4752A
1N4753A
1N4754A
1N4755A
30
33
36
39
43
8.5
7.5
7.0
6.5
6.0
40
45
50
60
70
1000
1000
1000
1000
1500
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
22.8
25.1
27.4
29.7
32.7
150
135
125
115
110
1N4756A
1N4757A
1N4758A
1N4759A
1N4760A
47
51
56
62
68
5.5
5.0
4.5
4.0
3.7
80
95
110
125
150
1500
1500
2000
2000
2000
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
35.8
38.8
42.6
47.1
51.7
95
90
80
70
65
1N4761A
1N4762A
1N4763A
1N4764A
75
82
91
100
3.3
3.0
2.8
2.5
175
200
250
350
2000
3000
3000
3000
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
56.0
62.2
69.2
76.0
60
55
50
45
1M110Z
1M120Z
1M130Z
1M150Z
1M160Z
1M180Z
1M200Z
110
120
130
150
160
180
200
2.3
2
1.9
1.7
1.6
1.4
1.2
450
550
700
1000
1100
1200
1500
4000
4500
5000
6000
6500
7000
8000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
5.0
5.0
83.6
91.2
98.8
114.0
121.6
136.8
152.0
-
-
-
-
-
-
-
NOTE:
1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener
voltage of ±5%.
2.Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining
the lead temperature (TL) at 30 ±1 , from the diode body.
4.Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when
an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK.
5.Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak,
non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second
duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability
is as described in Figure 5.


유사한 부품 번호 - 1N4756A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4756A VISHAY-1N4756A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4756A VISHAY-1N4756A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SynSemi, Inc.
1N4756A SYNSEMI-1N4756A Datasheet
105Kb / 2P
   SILICON ZENER DIODES
logo
List of Unclassifed Man...
1N4756A ETC-1N4756A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Microdiode Electronics ...
1N4756A CHENDA-1N4756A Datasheet
721Kb / 3P
   Low zener impedance
More results

유사한 설명 - 1N4756A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com