전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4763A 데이터시트(PDF) 3 Page - Transys Electronics

부품명 1N4763A
상세설명  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRSYS [Transys Electronics]
홈페이지  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N4763A 데이터시트(HTML) 3 Page - Transys Electronics

  1N4763A Datasheet HTML 1Page - Transys Electronics 1N4763A Datasheet HTML 2Page - Transys Electronics 1N4763A Datasheet HTML 3Page - Transys Electronics 1N4763A Datasheet HTML 4Page - Transys Electronics 1N4763A Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTICS CURVES
1N4741A THRU 1M200Z
Fig. 1-POWER TEMPERATURE DERATING CUVE
Fig. 2-TEMPERATURE COEFFICIENTS
(-55 to +150 temperature range; 90% of the units are in the ranges indicated.)
Fig. 3-TYPICAL THERMAL RESISTANCE
Fig. 4-EFFECT OF ZENER CURRENT
versus LEAD LENGTH


유사한 부품 번호 - 1N4763A

제조업체부품명데이터시트상세설명
logo
Rugao Dachang Electroni...
1N4763A DACHANG-1N4763A Datasheet
121Kb / 2P
   High stability and high reliability
logo
Diodes Incorporated
1N4763A DIODES-1N4763A Datasheet
64Kb / 3P
   SILICON SWITCHING DIODE
DS18007 Rev. 13 - 2
logo
Vishay Siliconix
1N4763A VISHAY-1N4763A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Jinan Gude Electronic D...
1N4763A JGD-1N4763A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Jiangsu High diode Semi...
1N4763A HDSEMI-1N4763A Datasheet
1Mb / 5P
   DO-4 1 Glass-Encapsulate Diodes
More results

유사한 설명 - 1N4763A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com