전자부품 데이터시트 검색엔진 |
|
SB1305221KL 데이터시트(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
SB1305221KL 데이터시트(HTML) 3 Page - ABC Taiwan Electronics Corp |
3 / 7 page Components 400 m/m min. 200 m/m min. 26 G.W. (Kg) 6.8 Outer : Carton AE-001A Q'TY (pcs) ( 3 ) Q'TY & G.W. Per package Series SB1305 600 ( 2 ) Dimensions 13 - 24 Style 330 A Style 13 - 24 G.W. (gw) 1,430 Inner : Reel Q'TY (pcs) 2,400 User direction of feed 21±0.8 B 13 CD 24 40 x 40 x 24 Size (cm) Unit:m/m +0 G 50-0 N 30.4 T SPECIFICATION FOR APPROVAL ABC'S DWG NO. ABC'S ITEM NO. Carrier Tape Width : D ※ Embossed Carrier C ∮ End Leader no component P:16 m/m 4 m/m 6R8 6R8 6R8 6R8 G SMD POWER INDUCTOR 2.0±0.5 Ⅵ﹒ PACKAGING INFORMATION: ( 1 ) Configuration NAME PROD. REF : T Start Trailer no component 6R8 D PAGE: 3 Cover Tape SB1305□□□□L□-□□□ |
유사한 부품 번호 - SB1305221KL |
|
유사한 설명 - SB1305221KL |