전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL160818NJL 데이터시트(PDF) 4 Page - ABC Taiwan Electronics Corp

부품명 SL160818NJL
상세설명  WOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABC [ABC Taiwan Electronics Corp]
홈페이지  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SL160818NJL 데이터시트(HTML) 4 Page - ABC Taiwan Electronics Corp

  SL160818NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ⅶ﹒
PACKAGING INFORMATION:
( 1 ) Configuration
WOUND CHIP INDUCTOR
200 m/m min.
no component
( 2 ) Dimensions
Style
07 - 08
Series
SL1608
( 3 ) Q'TY & G.W. Per package
AR-001A
End
PROD.
NAME
REF :
Unit:m/m
12.5
User direction of feed
G.W. (gw)
Inner : Reel
3,000
Q'TY (pcs)
100
07 - 08
Style
21±0.8
178
AB
13
C
Outer : Carton
150,000
Q'TY (pcs)
5.50
G.W. (Kg)
Size (cm)
41 x 39 x 22
8
D
10
+0
G
-0
50
NT
Cover Tape
no component
400 m/m min.
SL1608□□□□L□-□□□
G
4 m/m
Components
P:4 m/m
Leader
C
Trailer
Carrier tape width : D
Emobossed Carrier
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
T
2.0±0.5
Start
D
PAGE: 4


유사한 부품 번호 - SL160818NJL

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Silicon Laboratories
SL16010DC SILABS-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16010DCT SILABS-SL16010DCT Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
More results

유사한 설명 - SL160818NJL

제조업체부품명데이터시트상세설명
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com