전자부품 데이터시트 검색엔진 |
|
SS0604331KL 데이터시트(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
SS0604331KL 데이터시트(HTML) 3 Page - ABC Taiwan Electronics Corp |
3 / 7 page Components 200 m/m Min. 400 m/m Min. G.W. (Kg) Outer : Carton AE-001A Q'TY (pcs) 1,000 ( 3 ) Q'TY & G.W. Per package SS0604 Series ( 2 ) Dimensions 13 - 16 Style 330 A Style 13 - 16 1,000 G.W. (gw) Inner : Reel Q'TY (pcs) 6,000 User direction of feed 13 C 21±0.8 B 16 D Size (cm) 40 x 40 x 24 10.5 +0 18 G -0 50 N Unit:m/m 22.4 T ABC'S DWG NO. ABC'S ITEM NO. SPECIFICATION FOR APPROVAL 1 0 1 Carrier tape width : D ※ End Leader no component P:12 m/m 4 m/m 1 0 1 1 0 1 1 0 1 G C ∮ SHIELDED SMD POWER INDUCTOR 2.0±0.5 Ⅵ﹒ PACKAGING INFORMATION: ( 1 ) Configuration NAME PROD. REF : T Start no component Teailer Embossed carrier D PAGE: 3 Cover tape SS0604□□□□L□-□□□ |
유사한 부품 번호 - SS0604331KL |
|
유사한 설명 - SS0604331KL |