전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6754 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN6754
상세설명  Highly Integrated Green- Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6754 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN6754 Datasheet HTML 1Page - Fairchild Semiconductor FAN6754 Datasheet HTML 2Page - Fairchild Semiconductor FAN6754 Datasheet HTML 3Page - Fairchild Semiconductor FAN6754 Datasheet HTML 4Page - Fairchild Semiconductor FAN6754 Datasheet HTML 5Page - Fairchild Semiconductor FAN6754 Datasheet HTML 6Page - Fairchild Semiconductor FAN6754 Datasheet HTML 7Page - Fairchild Semiconductor FAN6754 Datasheet HTML 8Page - Fairchild Semiconductor FAN6754 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6754 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VVDD
DC Supply Voltage
(1, 2)
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VSENSE
SENSE Pin Input Voltage
-0.3
7.0
V
VRT
RT Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
500
V
PD
Power Dissipation (TA<50°C)
400
mW
ΘJA
Thermal Resistance (Junction-to-Air)
141
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
ESD
Electrostatic Discharge Capability,
All pins except HV pin
Human Body Model,
JESD22-A114
4.5
kV
Charged Device Model,
JESD22-C101
1500
V
Notes:
1.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
2.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C
RHV
HV Startup Resistor
150
200
250
k50


유사한 부품 번호 - FAN6754

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6754 FAIRCHILD-FAN6754 Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6754 FAIRCHILD-FAN6754 Datasheet
804Kb / 14P
   Highly Integrated Green- Mode PWM Controller
FAN6754A FAIRCHILD-FAN6754A Datasheet
470Kb / 9P
   Design Guideline to Replace SG6742 with FAN6754A
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

유사한 설명 - FAN6754

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com