전자부품 데이터시트 검색엔진 |
|
FAN6754MRMY 데이터시트(PDF) 8 Page - Fairchild Semiconductor |
|
FAN6754MRMY 데이터시트(HTML) 8 Page - Fairchild Semiconductor |
8 / 14 page © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN6754 • Rev. 1.0.1 8 Electrical Characteristics (Continued) VDD=15V and TA=25°C unless otherwise noted. Symbol Parameter Conditions Min. Typ. Max. Units Feedback Input Section Current-Sense Section tPD Delay to Output 100 250 ns tLEB Leading Edge Blanking Time 230 280 330 ns VLimit-L Current Limit at Low Line (VAC=86V) VDC=122V, Series R=200kΩ to HV 0.43 0.46 0.49 V VLimit-H Current Limit tat High Line (VAC=259V) VDC=366V, Series R=200kΩ to HV 0.36 0.39 0.42 V tSS Period During Soft-Start Time Startup Time 7 8 9 ms GATE Section DCYMAX Maximum Duty Cycle 86 89 92 % VGATE-L Gate Low Voltage VDD=15V, IO=50mA 1.5 V VGATE-H Gate High Voltage VDD=12V, IO=50mA 8 V tr Gate Rising Time VDD=15V, CL=1nF 100 ns tf Gate Falling Time VDD=15V, CL=1nF 50 ns VGATE- CLAMP Gate Output Clamping Voltage VDD=22V 9 13 17 V RT Section RRT Internal Resistor from RT Pin 9.50 10.55 11.60 KΩ VRTTH1 Over-Temperature Protection Threshold Voltage 0.7V < VRT < 1.05V, after 12ms Latch Off 1.000 1.035 1.070 V VRTTH2 VRT < 0.7V, After 100µs Latch Off 0.65 0.70 0.75 V tD-OTP1 Over-Temperature Latch-Off Debounce VRTTH2 < VRT < VRTTH1 FB > VFB-N 14 16 18 ms VRTTH2 < VRT < VRTTH1 FB < VFB-G 40 51 62 tD-OTP2 VRT< VRTTH2, FB > VFB-N 110 185 260 µs VRT< VRTTH2, FB < VFB-G 320 605 890 Over-Temperature Protection Section (OTP) TOTP Protection Junction Temperature +135 °C TRestart Restart Junction Temperature TOTP-25 °C |
유사한 부품 번호 - FAN6754MRMY |
|
유사한 설명 - FAN6754MRMY |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |