전자부품 데이터시트 검색엔진 |
|
DL-5325S-C310-XFS 데이터시트(PDF) 3 Page - Optoway Technology Inc |
|
DL-5325S-C310-XFS 데이터시트(HTML) 3 Page - Optoway Technology Inc |
3 / 4 page Optoway DL-5300-CXX0 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/15/2009 V3.0 ORDER INFORMATION Part No.: D L − 5 3 □ □ □ − C □ □ 0 − □ □ □ S Code Pout (mW) Code Wavelength Code Isolator 2 1 27 1270 nm S Single-Stage 3 2 29 1290 nm 4 3 31 1310 nm 33 1330 nm 35 1350 nm Code Connector Code PIN Assignment 37 1370 nm S SC/PC 0 Type A 39 1390 nm F FC/PC 5 Type B 41 1410 nm T ST/PC 8 Type C 43 1430 nm L LC/PC 45 1450 nm X No connector Code Speed 47 1470 nm SA SC/APC Blank 1.25 Gbps 49 1490 nm FA FC/APC S 2.5 Gbps 51 1510 nm TA ST/APC 53 1530 nm LA LC/APC 55 1550 nm 57 1570 nm Code Flange 59 1590 nm V Vertical 61 1610 nm H Horizontal X No Flange |
유사한 부품 번호 - DL-5325S-C310-XFS |
|
유사한 설명 - DL-5325S-C310-XFS |